Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-57 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ESD-R-57
Description  EMI Cores, Commercial Grade, ESD-R
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-57 Datasheet(HTML) 1 Page - Kemet Corporation

  ESD-R-57 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - c4eb1a10-bff8-4f8e-a0c9-bf1712657c70
KEMET Part Number: ESD-R-57
(UECESDR5700000)
EMI Cores, Commercial Grade, ESD-R
Dimensions
D
61mm MAX
D2
32.4mm MAX
T
24mm MAX
General Information
Style: Round
Brand: NEC-Tokin
Series: ESD-R
Cable Type: Round Cable
Description:
EMI Core Solid, For Round
Cables, Toroidal Cores With
Case
RoHS: Yes
Case Color: White
Materials: Mn-Zn & Ni-Zn
Specifications
Effective Frequency: 100 MHz (AM Band Range)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - ESD-R-57

ManufacturerPart #DatasheetDescription
logo
NEC
ESD-R-57 NEC-ESD-R-57 Datasheet
1Mb / 31P
EMI Core
logo
Kemet Corporation
ESD-R-57 KEMET-ESD-R-57 Datasheet
1Mb / 10P
Toroidal Cores
logo
NEC
ESD-R-57D-1 NEC-ESD-R-57D-1 Datasheet
1Mb / 31P
EMI Core
logo
Kemet Corporation
ESD-R-57D-1 KEMET-ESD-R-57D-1 Datasheet
1Mb / 10P
Toroidal Cores
ESD-R-57M-H KEMET-ESD-R-57M-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
More results

Similar Description - ESD-R-57

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESD-R-12C KEMET-ESD-R-12C Datasheet
54Kb / 1P
EMI Cores, Commercial Grade, ESD-R
ESD-R-15C KEMET-ESD-R-15C Datasheet
54Kb / 1P
EMI Cores, Commercial Grade, ESD-R
ESD-R-17S KEMET-ESD-R-17S Datasheet
54Kb / 1P
EMI Cores, Commercial Grade, ESD-R
ESD-R-31C KEMET-ESD-R-31C Datasheet
54Kb / 1P
EMI Cores, Commercial Grade, ESD-R
ESD-R-47N-H KEMET-ESD-R-47N-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-47SR-P KEMET-ESD-R-47SR-P Datasheet
54Kb / 1P
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
ESD-R-38M-H KEMET-ESD-R-38M-H Datasheet
57Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-19M-H KEMET-ESD-R-19M-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-512936H-NC23 KEMET-ESD-R-512936H-NC23 Datasheet
54Kb / 1P
KEMET, ESD-R-NC23, EMI Cores, Commercial Grade
ESD-R-19N-H KEMET-ESD-R-19N-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com