Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-12F Datasheet(PDF) 3 Page - Kemet Corporation

Part # ESD-R-12F
Description  Toroidal Cores
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-12F Datasheet(HTML) 3 Page - Kemet Corporation

  ESD-R-12F Datasheet HTML 1Page - Kemet Corporation ESD-R-12F Datasheet HTML 2Page - Kemet Corporation ESD-R-12F Datasheet HTML 3Page - Kemet Corporation ESD-R-12F Datasheet HTML 4Page - Kemet Corporation ESD-R-12F Datasheet HTML 5Page - Kemet Corporation ESD-R-12F Datasheet HTML 6Page - Kemet Corporation ESD-R-12F Datasheet HTML 7Page - Kemet Corporation ESD-R-12F Datasheet HTML 8Page - Kemet Corporation ESD-R-12F Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
E5001_ESD-R • 3/28/2017
EMI Core – ESD-R Series Toroidal Cores
Table 1 – Ratings & Part Number Reference
1
Frequency range is for reference only. Please test with actual device before use.
2
Case flame resistant rating: UL94V-2
*Other sizes available. Please contact KEMET.
Part Number
Dimensions (mm)
Frequency Range1
Type
Color
Compatible
Toroidal Core
(Bare Type)
OD
ID
T
≤ 100 MHz
(AM band range)
≤ 300 MHz
(FM band range)
ESD-R-10D
9.5
5.0
10.0
X
Bare
—
—
ESD-R-10E
10.0
5.0
5.0
X
Bare
—
—
ESD-R-10S
10.5
5.5
20.0
X
Bare
—
—
ESD-R-12C
11.8
7.3
15.0
X
Bare
—
—
ESD-R-12E
11.8
7.3
8.0
X
Bare
—
—
ESD-R-12F
12.0
8.5
15.0
X
Bare
—
—
ESD-R-12S
12.0
7.0
5.5
X
Bare
—
—
ESD-R-14C
14.0
7.0
3.0
X
Bare
—
—
ESD-R-14E
14.0
10.0
8.0
X
Bare
—
—
ESD-R-14S
14.3
6.3
28.5
X
Bare
—
—
ESD-R-15C-1
15.0
10.5
12.0
X
Bare
—
—
ESD-R-16
15.8
11.6
8.4
X
Bare
—
—
ESD-R-16C
16.0
9.0
17.0
X
Bare
—
—
ESD-R-17S
17.5
9.5
28.5
X
Bare
—
—
ESD-R-18SD
18.0
10.0
6.0
X
Bare
—
—
ESD-R-19S
18.5
10.0
10.0
X
Bare
—
—
ESD-R-19SD
18.5
10.0
10.0
X
Bare
—
—
ESD-R-22SD
22.5
13.8
6.4
X
Bare
—
—
ESD-R-25SD
25.0
15.0
12.0
X
Bare
—
—
ESD-R-25S
25.0
15.0
12.0
X
Bare
—
—
ESD-R-26S
26.0
13.0
28.5
X
Bare
—
—
ESD-R-28C
28.0
16.0
13.0
X
Bare
—
—
ESD-R-31C
31.0
19.0
8.0
X
Bare
—
—
ESD-R-38D
38.1
19.0
12.7
X
Bare
—
—
ESD-R-12C-2
12.0
7.3
15.3
X
Coated
Blue
—
ESD-R-14A
15.0
6.2
3.5
X
Coated
Green
—
ESD-R-14C-2
14.0
7.0
3.0
X
Coated
Blue
ESD-R-14C
ESD-R-15C
15.2
10.5
12.5
X
Coated
Blue
ESD-R-15C-1
ESD-R-17S-1
17.7
9.4
28.8
X
Coated
Blue
ESD-R-17S
ESD-R-19E-1
19.0
10.7
5.3
X
Coated
Blue
—
ESD-R-25D-8
25.0
15.0
8.0
X
Coated
Blue
—
ESD-R-25L-A
25.3
15.1
12.1
X
Coated
Blue
ESD-R-25SD
ESD-R-28C-1
28.2
15.8
13.2
X
Coated
Blue
—
ESD-R-31C-1
32.0
18.5
9.0
X
Coated
Green
ESD-R-31C
ESD-R-31-P
32.0
19.0
15.8
X
Coated
Green
—
ESD-R-12D
12.9
6.0
6.4
X
Case2
Black
ESD-R-12S
ESD-R-19
19.0
9.0
11.0
X
Case2
White
ESD-R-19S
ESD-R-19D
19.0
9.0
11.0
X
Case2
Black
ESD-R-19SD
ESD-R-25
26.0
14.0
15.0
X
Case2
White
ESD-R-25S
ESD-R-25D
26.0
14.0
15.0
X
Case2
Black
ESD-R-25SD
ESD-R-38
39.0
17.5
14.0
X
Case2
White
ESD-R-38D
ESD-R-38C-1
39.0
17.5
14.0
X
Case2
White w/ tape (black)
—
ESD-R-47
48.0
25.5
16.0
X
Case2
White
—
ESD-R-47D-1
48.0
25.5
16.0
X
Case2
White w/ tape (black)
—
ESD-R-57
61.0
32.4
24.0
X
Case2
White
—
ESD-R-57D-1
61.0
32.4
24.0
X
Case2
White w/ tape (black)
—



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com