Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL30 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL30
Description  Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL30 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL30 Datasheet HTML 1Page - Vishay Siliconix IL30 Datasheet HTML 2Page - Vishay Siliconix IL30 Datasheet HTML 3Page - Vishay Siliconix IL30 Datasheet HTML 4Page - Vishay Siliconix IL30 Datasheet HTML 5Page - Vishay Siliconix IL30 Datasheet HTML 6Page - Vishay Siliconix IL30 Datasheet HTML 7Page - Vishay Siliconix IL30 Datasheet HTML 8Page - Vishay Siliconix IL30 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IL30, ILD55, ILQ30, ILQ31, ILQ55
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 28-Jul-14
3
Document Number: 83621
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 2 - Normalized Non-Saturated and Saturated CTRCE vs.
LED Current
Fig. 3 - Normalized Non-Saturated and Saturated Collector Emitter
Current vs. LED Current
Fig. 4 - Normalized Collector Base Photocurrent vs. LED Current
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 10 mA, VCE = 5 V
IL30
CTR
100
400
%
ILD55
CTR
100
400
%
ILQ30
CTR
100
400
%
ILQ55
CTR
100
400
%
ILQ31
CTR
200
400
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Rise time
VCC = 13.5 V, IF = 50 mA, RL = 100
Ω
tr
10
μs
Fall time
VCC = 13.5 V, IF = 50 mA, RL = 100
Ω
tf
35
μs
iil30_01
IF - Forward Current (mA)
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Tamb = 25 °C
Tamb = 85 °C
Tamb = -55 °C
iil30_02
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VCE = 1 V
VCE = 5 V
IF - LED Current (mA)
Normalized to:
VCE = 5 V
IF = 10 mA
iil30_03
100
1
0.1
0.001
0.01
0.1
1
10
VCE = 1 V
VCE = 5 V
IF - LED Current (mA)
IF = 10 mA
VCE = 5 V
Normalized to:
10
iil30_04
0.1
1
10
100
0.001
0.01
0.1
1
10
IF - LED Current (mA)
Vcb = 3.5 V
IF = 10 mA
Normalized to:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com