Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241 Datasheet(PDF) 9 Page - PULS GmbH

Part # CP10.241
Description  24V, 10A, 240W, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241 Datasheet(HTML) 9 Page - PULS GmbH

Back Button CP10.241 Datasheet HTML 5Page - PULS GmbH CP10.241 Datasheet HTML 6Page - PULS GmbH CP10.241 Datasheet HTML 7Page - PULS GmbH CP10.241 Datasheet HTML 8Page - PULS GmbH CP10.241 Datasheet HTML 9Page - PULS GmbH CP10.241 Datasheet HTML 10Page - PULS GmbH CP10.241 Datasheet HTML 11Page - PULS GmbH CP10.241 Datasheet HTML 12Page - PULS GmbH CP10.241 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
CP10.241, CP10.241-C1, CP10.241-S1,
CP10.241-S2, CP10.242
CP-Series
24V, 10A, 240W, SINGLE PHASE INPUT
Aug. 2017 / Rev. 1.4 DS-CP10.241-EN
All values are typical at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8. DC-OK RELAY CONTACT
This feature monitors the output voltage on the output terminals of a running power supply.
Contact closes
As soon as the output voltage reaches typ. 90% of the adjusted output voltage level.
Contact opens
As soon as the output voltage dips more than 10% below the adjusted output voltage.
Short dips will be extended to a signal length of 100ms. Dips shorter than 1ms will be ignored.
Switching hysteresis
1V
Contact ratings
Maximal 60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A, resistive load
Minimal permissible load: 1mA at 5Vdc
Isolation voltage
See dielectric strength table in section 18.
Fig. 8-1 DC-ok relay contact behavior
100ms
0.9* V
ADJ
<
1ms
10%
9/30
V
OUT = VADJ
open
open
closed
closed
>
1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com