Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZM5.WALL Datasheet(PDF) 9 Page - PULS GmbH

Part # ZM5.WALL
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ZM5.WALL Datasheet(HTML) 9 Page - PULS GmbH

Back Button ZM5.WALL Datasheet HTML 5Page - PULS GmbH ZM5.WALL Datasheet HTML 6Page - PULS GmbH ZM5.WALL Datasheet HTML 7Page - PULS GmbH ZM5.WALL Datasheet HTML 8Page - PULS GmbH ZM5.WALL Datasheet HTML 9Page - PULS GmbH ZM5.WALL Datasheet HTML 10Page - PULS GmbH ZM5.WALL Datasheet HTML 11Page - PULS GmbH ZM5.WALL Datasheet HTML 12Page - PULS GmbH ZM5.WALL Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/30
P R E L I M I N A R Y
8. DC-OK RELAY CONTACT
This feature monitors the output voltage of the power supply in front of the decoupling device (see also chapter 12).
Contact closes
As soon as the output voltage reaches typ. 22Vdc.
Contact opens
As soon as the output voltage dips below 22Vdc.
Short dips will be extended to a signal length of 100ms. Dips shorter than 1ms will be ignored.
Contact ratings
Maximal 60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A, resistive load
Minimal permissible load 1mA at 5Vdc
Isolation voltage
See dielectric strength table in chapter 20.
Fig. 8-1 DC-ok relay contact behavior
100ms
22Vdc
<
1ms
open
open
closed
closed
>
1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com