Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3221E Datasheet(PDF) 21 Page - Exar Corporation

Part # SP3221E
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3221E Datasheet(HTML) 21 Page - Exar Corporation

Back Button SP3221E Datasheet HTML 14Page - Exar Corporation SP3221E Datasheet HTML 15Page - Exar Corporation SP3221E Datasheet HTML 16Page - Exar Corporation SP3221E Datasheet HTML 17Page - Exar Corporation SP3221E Datasheet HTML 18Page - Exar Corporation SP3221E Datasheet HTML 19Page - Exar Corporation SP3221E Datasheet HTML 20Page - Exar Corporation SP3221E Datasheet HTML 21Page - Exar Corporation SP3221E Datasheet HTML 22Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • www.exar.com
SP3221E_200_081816
20
DATE
REVISION
DESCRIPTION
Nov 2012
1.0.0
Production release
Dec 2012
1.0.1
Remove reference to SSOP package
Sept 2014
1.0.2
Add SSOP package option, update package thermal information
ECN 1414-04 Oct 2014
Aug 2016
2.0.0
Update Auto On-Line Circuitry section and Logic table
REVISION HISTORY
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or
reliability. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are
only for illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully
checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 2014-16 EXAR Corporation
Datasheet August 2016
For technical support please email Exar's Serial Technical Support group at: serialtechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com