Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW103 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASW103
Description  MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW103 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASW103 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW103 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW103 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW103 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW103 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW103 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW103 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW103 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW103
5 ~ 4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sep-
arated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
IF
5 ~ 450 MHz
+3.4 V
Frequency (MHz)
70
150
Magnitude S21 (dB)
25
24
Magnitude S11 (dB)
-14
-14
Magnitude S22 (dB)
-15
-15
Output P1dB (dBm)
17.5
18.0
Output IP31) (dBm)
30.0
31.5
Noise Figure (dB)
4.1
4.3
Device Voltage (V)
+3.4
Current (mA)
50
C1=1000 pF
L1=680 nH
RF IN
RF OUT
ASW103
C3=100 pF
C4=1
F
D1=5.6V
Zener Diode
Vcc=3.4 V
R1=2.7 k
C2=1000 pF
0
100
200
300
400
500
0
5
10
15
20
25
30
Frequency (MHz)
0
100
200
300
400
500
-20
-15
-10
-5
0
Frequency (MHz)
0
100
200
300
400
500
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com