Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW114 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASW114
Description  MMIC Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW114 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASW114_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW114_17 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW114_17 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW114_17 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW114_17 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW114_17 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW114_17 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASW114_17 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASW114_17 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW114
5 ~ 8000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
170
860
Magnitude S21 (dB)
20.0
18.5
Magnitude S11 (dB)
-15
-14
Magnitude S22 (dB)
-12
-15
Output P1dB (dBm)
11
10
Output IP31) (dBm)
20
19
Noise Figure (dB)
2.7
2.8
Device Voltage (V)
+3.1
+3.1
Current (mA)
25
25
DVB-T (V / U band)
170 ~ 860 MHz
+3.1 V
C1=1000 pF
L1=100 nH
C2=1000 pF
Vcc=3.1 V
RF IN
RF OUT
C3=100pF
C4=1
F
D1=5.6V
Zener Diode
ASW114
0
200
400
600
800
1000
0
5
10
15
20
25
Frequency (MHz)
0
200
400
600
800
1000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com