Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW114 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW114
Description  MMIC Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW114 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW114 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW114 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW114
5 ~ 8000 MHz MMIC Amplifier
(Supply Voltage = Device Voltage, TA = +25 C, Zo = 50 )
Parameters
Units
Typical
Frequency
MHz
900
2000
3500
5800
900
2000
3500
Gain
dB
20.0
17.0
13.5
10.5
20.5
17.0
14.0
S11
dB
-18
-14
-18
-14
-20
-14
-16
S22
dB
-15
-15
-15
-18
-16
-16
-18
Output IP31)
dBm
24.5
26.0
26.5
23.0
29.5
29.0
--
Noise Figure
dB
3.2
3.3
4.2
3.9
3.1
3.3
4.3
Output P1dB
dBm
12.5
13.0
14.0
12.0
14.5
14.5
14.5
Current
mA
37
53
Device Voltage
V
+3.2
+3.3
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
16.5
17.0
S11
dB
-14
S22
dB
-15
Output IP3
dBm
24
26
Noise Figure
dB
3.3
3.5
Output P1dB
dBm
12
13
Current
mA
31
37
42
Device Voltage
V
+3.2
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+3.5 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)
+25 dBm
Thermal Resistance
321
C/W
Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
17 dB Gain at 2000 MHz
14.5 dBm P1dB at 2000 MHz
29 dBm OIP3 at 2000 MHz
3.3 dB NF at 2000 MHz
MTTF > 100 Years
Single Supply
The ASW114, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 8 GHz. The amplifier is available in a
SOT363 package and passes through the stringent
DC, RF, and reliability tests.
Application Circuit
5 ~ 140 MHz
IF
500 ~ 3500 MHz
300 ~ 2170 MHz
4000 ~ 6000 MHz
6500 ~ 7800 MHz
ATSC (57 ~ 213 MHz)
DVB-T (V/U band)
50 ~ 1000MHz (CATV & 50 )
50 ~ 1000MHz (CATV & 75 )
950 ~ 2150 MHz (SMATV, 3.2 V)
950 ~ 2150 MHz (SMATV, 3.3 V)
50 ~ 2150MHz (SMATV & 75 )
Product Specifications
Package Style: SOT363
Pin Configuration
Pin No.
Function
3
RF IN
6
RF OUT & Bias
1,2,4,5
GND


Similar Part No. - ASW114

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW114 ASB-ASW114 Datasheet
797Kb / 15P
5-8000 MHz MMIC Amplifier
July 2012
More results

Similar Description - ASW114

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
MMIC Amplifier
August, 2013
logo
RF Micro Devices
SBW5089Z RFMD-SBW5089Z Datasheet
657Kb / 7P
MMIC AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
MMIC Amplifier
April 2017
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
MMIC Amplifier
April 20173
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
MMIC Amplifier
February 2017
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
MMIC AMPLIFIER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com