Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW126 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW126
Description  3.3 V Gain Block Amplifier MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW126 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW126 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW126 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW126 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW126 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW126 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW126 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW126 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW126 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW126 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ASB Inc.
 sales@asb.co.kr
April 2017
ASW126
1. Product Overview
1.1
General Description
ASW126, 3.3 V internally matched gain block amplifier MMIC, has excellent input and output return loss,
and high linearity over a wide range of frequency DC~3500 MHz, being suitable for use in both receiver
and transmitter of telecommunication systems up to 3.5 GHz. The amplifier is available in a SOT363
package and passes through the stringent 100% DC & RF test via an automated test handler.
1.2
Features
 20.1 dB Gain at 900 MHz
 17 dBm P1dB at 900 MHz
 31 dBm Output IP3 at 900 MHz
 3.7 dB NF at 900 MHz
 MTTF > 100 Years
 Minimum External Matching Components
 Single Supply: +3.3 V
1.3
Applications
 Base Station Infrastructure
 Repeater
 Telecommunication System
1.4
Package Profile & RoHS Compliance
ASW126 Data Sheet
3.3 V Gain Block Amplifier MMIC over DC~3500 MHz
SOT363, 2.1x2.0 mm2, surface mount
RoHS-compliant


Similar Part No. - ASW126

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW101 ASB-ASW101 Datasheet
412Kb / 6P
5-3000 MHz MMIC Amplifier
February 2010
ASW101 ASB-ASW101 Datasheet
891Kb / 8P
MMIC Amplifier
April 2017
ASW101 ASB-ASW101_17 Datasheet
891Kb / 8P
MMIC Amplifier
April 2017
ASW103 ASB-ASW103 Datasheet
401Kb / 6P
5-4000 MHz MMIC Amplifier
February 2010
ASW103 ASB-ASW103 Datasheet
834Kb / 8P
MMIC Amplifier
April 2017
More results

Similar Description - ASW126

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130_17 Datasheet
536Kb / 11P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF133 ASB-ASF133_17 Datasheet
456Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF140 ASB-ASF140_17 Datasheet
459Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF150 ASB-ASF150 Datasheet
471Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
logo
Analog Devices
HMC789ST89E AD-HMC789ST89E Datasheet
736Kb / 16P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC480ST89 AD-HMC480ST89 Datasheet
297Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC589AST89E AD-HMC589AST89E_17 Datasheet
256Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC3587LP3BE AD-HMC3587LP3BE Datasheet
336Kb / 8P
HBT GAIN BLOCK MMIC AMPLIFIER
HMC3653LP3BE AD-HMC3653LP3BE Datasheet
521Kb / 8P
HBT GAIN BLOCK MMIC AMPLIFIER
HMC405 AD-HMC405 Datasheet
284Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com