Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW205 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # ASW205
Description  MMIC Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW205 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ASW205 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW205 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW205 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW205 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW205 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW205 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW205 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW205 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASW205 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12/17
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 20173
ASW205
5 ~ 6000 MHz MMIC Amplifier
.
1) OIP3 and OIP2 are measured with two tones at an output power of +5 dBm/tone
separated by 1 MHz.
2) OIP2 is measured at F1+F2 Frequency.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
S-parameters
CATV ( 75
)
5 ~ 200 MHz
+5 V
Frequency (MHz)
5
50
200
Noise Figure (dB)
3.5
3.5
3.5
Magnitude S21 (dB)
25.5
25.8
25.5
Magnitude S11 (dB)
-12
-12
-12
Magnitude S22 (dB)
-12
-20
-15
Output P1dB (dBm)
18
18
18
Output IP31) (dBm)
31
32
33
Output IP21),2) (dBm)
36
40
42
Device Voltage (V)
+5
Current (mA)
70
Vcc=5V
RF IN
RF OUT
C3=100 pF
C4=10
F
ASW205
+
C2=10
F
C1=10
F
L1=27

0
50
100
150
200
0
5
10
15
20
25
30
Frequency (MHz)
0
50
100
150
200
-20
-15
-10
-5
0
Frequency (MHz)
0
50
100
150
200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com