Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW212 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASW212
Description  MMIC Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW212 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASW212 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW212 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW212 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW212 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW212 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW212 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW212 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW212 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW212 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW212
5 ~ 8000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +3 dBm/tone separated by 1 MHz.
`
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Wide Band
500 ~ 3500 MHz
+5 V
Frequency (MHz)
500
900
1750
2000
2400
2700
3500
Magnitude S21 (dB)
15.5
14.0
13.0
12.5
12.0
11.5
11.0
Magnitude S11 (dB)
-10.0
-11.0
-12.0
-11.0
-9.5
-9.0
-9.0
Magnitude S22 (dB)
-19
-16
-14
-14
-12
-12
-15
Output P1dB (dBm)
18
18
18
18
18
18
17
Output IP31) (dBm)
36.5
35.0
34.0
34.0
33.5
32.0
28.0
Noise Figure (dB)
5.0
5.0
5.3
5.5
5.5
5.7
5.9
Device Voltage (V)
+4.8
Current (mA)
73
0
500
1000
1500
2000
2500
3000
3500
4000
0
1
2
3
4
5
Frequency (MHz)
C1=100 pF
L1=33 nH
C2=100 pF
Vcc=5 V
RF IN
RF OUT
C3=100pF
C4=1
F
ASW212
D1=5.6V
Zener Diode
R1=2.7
0
500
1000
1500
2000
2500
3000
3500
4000
0
5
10
15
20
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
4000
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
4000
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com