Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW235 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASW235
Description  MMIC Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW235 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASW235 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW235 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW235 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW235 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW235 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW235 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW235 Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW235
5 ~ 6000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sepa-
rated by 1MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
900
2000
2700
Magnitude S21 (dB)
23.0
19.5
17.5
Magnitude S11 (dB)
-13
-15
-18
Magnitude S22 (dB)
-10
-12
-12
Output P1dB (dBm)
16
18
17
Output IP31) (dBm)
29.0
30.5
30.0
Noise Figure (dB)
3.3
3.5
3.9
Device Voltage (V)
+4.65
+4.65
+4.65
Current (mA)
46
46
46
Wide Band
500 ~ 2700 MHz
+5 V
RF OUT
ASW235
RF IN
2 mm
Vcc=5 V
C3=100 pF
C4=1
F
C1=82 pF
C2=82 pF
R1=7.5
D1=5.6V
Zener Diode
L1=33 nH
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
30
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com