Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW301 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASW301
Description  MMIC Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW301 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASW301 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW301 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW301 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW301 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW301 Datasheet HTML 5Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2010
ASW301
5 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +6 dBm/tone separated by 1
MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Wide Band
500 ~ 2500 MHz
+5 V
Frequency (MHz)
500
900
1750
2000
2400
Magnitude S21 (dB)
20.0
16.5
11.0
10.0
8.0
Magnitude S11 (dB)
-13
-15
-14
-12
-11
Magnitude S22 (dB)
-18
-15
-15
-14
-14
Output P1dB (dBm)
22.5
22.0
22.5
22.0
22.0
Output IP3
1) (dBm)
38.0
40.0
41.0
40.5
41.0
Noise Figure (dB)
7.0
6.7
7.0
7.0
7.3
Device Voltage (V)
+5
Current (mA)
75
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
30
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
5
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
C1=100 pF
L1=33 nH
C2=100 pF
Vcc=5 V
RF IN
RF OUT
C3=100pF
C4=1
F
ASW301
D1=5.6V
Zener Diode
R1=3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com