Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW314 Datasheet(PDF) 14 Page - Advanced Semiconductor Business Inc.

Part # ASW314
Description  MMIC Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW314 Datasheet(HTML) 14 Page - Advanced Semiconductor Business Inc.

Back Button ASW314 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW314 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW314 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW314 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW314 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW314 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASW314 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASW314 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASW314 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14/23
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASW314
5 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +5 dBm/tone
separated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
2300
2400
Magnitude S21 (dB)
14.4
14.5
Magnitude S11 (dB)
-18
-18
Magnitude S22 (dB)
-18
-15
Output P1dB (dBm)
21.5
21.5
Output IP31) (dBm)
41.0
40.5
Noise Figure (dB)
2.6
2.6
Device Voltage (V)
+5
+5
Current (mA)
105
105
WLAN
2300 ~ 2400 MHz
+5 V
L2=1.5 nH
RF IN
RF OUT
ASW314
Vs=5 V
C1=1.5 pF
C4=68 pF
C5=1
F
L1=2.7 nH
C2=6 pF
C3=1.5 pF
2 mm
1800
2000
2200
2400
2600
2800
3000
0
5
10
15
20
Frequency (MHz)
1800
2000
2200
2400
2600
2800
3000
-25
-20
-15
-10
-5
0
Frequency (MHz)
1800
2000
2200
2400
2600
2800
3000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com