Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP3A13F Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXMP3A13F
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP3A13F Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXMP3A13F Datasheet HTML 1Page - Zetex Semiconductors ZXMP3A13F Datasheet HTML 2Page - Zetex Semiconductors ZXMP3A13F Datasheet HTML 3Page - Zetex Semiconductors ZXMP3A13F Datasheet HTML 4Page - Zetex Semiconductors ZXMP3A13F Datasheet HTML 5Page - Zetex Semiconductors ZXMP3A13F Datasheet HTML 6Page - Zetex Semiconductors ZXMP3A13F Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMP3A13F
PROVISIONAL ISSUE C - JULY 2004
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
200
°C/W
Junction to Ambient (b)
RθJA
155
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D = 0.05, pulse width 10 s - pulse width limited by maximum junction temperature. Refer to
Transient Thermal Impedance graph.
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate Source Voltage
VGS
20
V
Continuous Drain Current VGS=10V; TA=25°C (b)
VGS=10V; TA=70°C (b)
VGS=10V; TA=25°C (a)
ID
-1.6
-1.3
-1.4
A
Pulsed Drain Current (c)
IDM
-6
A
Continuous Source Current (Body Diode) (b)
IS
-1.2
A
Pulsed Source Current (Body Diode) (c)
ISM
-6
A
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
625
5
mW
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
806
6.4
mW
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com