Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2113 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2113
Description  AUTOSWITCHING POWER MUX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2113 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2113 Datasheet HTML 9Page - Texas Instruments TPS2113 Datasheet HTML 10Page - Texas Instruments TPS2113 Datasheet HTML 11Page - Texas Instruments TPS2113 Datasheet HTML 12Page - Texas Instruments TPS2113 Datasheet HTML 13Page - Texas Instruments TPS2113 Datasheet HTML 14Page - Texas Instruments TPS2113 Datasheet HTML 15Page - Texas Instruments TPS2113 Datasheet HTML 16Page - Texas Instruments TPS2113 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TPS2112
TPS2113
SLVS446 – DECEMBER 2002
www.ti.com
13
TYPICAL CHARACTERISTICS
Figure 7
–50
0
50
100
150
SWITCH ON-RESISTANCE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
60
80
100
120
140
160
180
TPS2112
TPS2113
Figure 8
2
345
6
SWITCH ON-RESISTANCE
vs
SUPPLY VOLTAGE
VI(INx) – Supply Voltage – V
80
85
90
95
100
105
110
115
120
TPS2112
TPS2113
Figure 9
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
23
456
IN1 SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VI(IN1)– IN1 Supply Voltage – V
Device Disabled
VI(IN2) = 0 V
IO(OUT) = 0 A
Figure 10
40
42
44
46
48
50
52
54
56
58
60
23
45
6
IN1 SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VI(IN1) – Supply Voltage – V
IN1 Switch is ON
VI(IN2) = 0 V,
IO(OUT) = 0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com