Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8240B Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8240B
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8240B Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8240B Datasheet HTML 17Page - Seiko Instruments Inc S8240B Datasheet HTML 18Page - Seiko Instruments Inc S8240B Datasheet HTML 19Page - Seiko Instruments Inc S8240B Datasheet HTML 20Page - Seiko Instruments Inc S8240B Datasheet HTML 21Page - Seiko Instruments Inc S8240B Datasheet HTML 22Page - Seiko Instruments Inc S8240B Datasheet HTML 23Page - Seiko Instruments Inc S8240B Datasheet HTML 24Page - Seiko Instruments Inc S8240B Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
S-8240B Series
21
Battery Protection IC Connection Example
R1
Battery C1
VSS
DO
VDD
CO
VM
S-8240B Series
FET1
FET2
EB
−
EB
+
R2
Figure 15
Table 11 Constants for External Components
Symbol
Part
Purpose
Min.
Typ.
Max.
Remark
FET1
N-channel
MOS FET
Discharge control
−
−
−
Threshold voltage
≤ Overdischarge
detection voltage
*1
FET2
N-channel
MOS FET
Charge control
−
−
−
Threshold voltage
≤ Overdischarge
detection voltage
*1
R1
Resistor
ESD protection,
For power fluctuation
270
Ω
330
Ω
1 k
Ω
−
C1
Capacitor
For power fluctuation
0.068
μF
0.1
μF
1.0
μF
Caution should be exercised when setting
VDIOV
≤ 20 mV, VCIOV ≥ −20 mV.
*2
R2
Resistor
ESD protection,
Protection for reverse
connection of a charger
300
Ω
470
Ω
4 k
Ω
Caution should be exercised when
an FET with a large gate capacitance is
used.
*3
*1. If an FET with a threshold voltage equal to or higher than the overdischarge detection voltage is used, discharging may be
stopped before overdischarge is detected.
*2. When setting VDIOV
≤ 20 mV, VCIOV ≥ −20 mV for power fluctuation protection, the condition of R1 × C1 ≥ 47 μF • Ω should
be met.
*3. If an FET with a gate capacitance equal to or more than 5 nF is used, charge overcurrent detection voltage may become
lower when R2 resistance is large. R2 resistance should be set to a smaller value when an FET with a gate capacitance
equal to or more than 5 nF is used.
Caution 1. The above constants may be changed without notice.
2. It has not been confirmed whether the operation is normal or not in circuits other than the above example
of connection. In addition, the example of connection shown above and the constant do not guarantee
proper operation. Perform thorough evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com