Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8333 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8333
Description  STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8333 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8333 Datasheet HTML 17Page - Seiko Instruments Inc S8333 Datasheet HTML 18Page - Seiko Instruments Inc S8333 Datasheet HTML 19Page - Seiko Instruments Inc S8333 Datasheet HTML 20Page - Seiko Instruments Inc S8333 Datasheet HTML 21Page - Seiko Instruments Inc S8333 Datasheet HTML 22Page - Seiko Instruments Inc S8333 Datasheet HTML 23Page - Seiko Instruments Inc S8333 Datasheet HTML 24Page - Seiko Instruments Inc S8333 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_01
S-8333 Series
21
Characteristics (Typical Data)
1. Example of Major Temperature Characteristics (Ta
= −40 to +85°C)
ISS1 vs. Ta (VIN
= 3.3 V)
-40
0
20
40
60
80
800
700
600
500
400
300
200
100
0
Ta [°C]
fOSC = 1080 kHz (ROSC = 120 kW)
-20
100
fOSC = 650 kHz (ROSC = 200 kW)
fOSC = 280 kHz (ROSC = 470 kW)
IEXTH vs. Ta (VIN
= 3.3 V)
IEXTL vs. Ta (VIN
= 3.3 V)
-40
0
20
40
60
80
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
Ta [°C]
-20
100
fOSC = 650 kHz, MaxDuty= 73%
(ROSC = 200 kW, RDuty = 300 kW)
-40
0
20
40
60
80
200
180
160
140
120
100
80
60
40
20
0
Ta [°C]
-20
100
fOSC = 650 kHz, MaxDuty = 73%
(ROSC = 200 kW, RDuty = 300 kW)
IFB vs. Ta (VIN
= 3.3 V)
fOSC vs. Ta (VIN
= 3.3 V)
40
0
20
40
60
80
0.10
0.08
0.06
0.04
0.02
0
0.02
0.04
0.06
0.08
0.10
Ta [
C]
20
100
-40
0
20
40
60
80
1400
1200
1000
800
600
400
200
0
Ta [°C]
-20
100
fOSC = 1080 kHz (ROSC = 120 kW)
fOSC = 650 kHz (ROSC = 200 kW)
fOSC = 280 kHz (ROSC = 470 kW)
MaxDuty vs. Ta (VIN
= 3.3 V)
tSS vs. Ta (VIN
= 3.3 V)
40
0
20
40
60
80
100
90
80
70
60
50
40
30
20
10
0
Ta [
C]
20
100
MaxDuty = 88.5% (ROSC = 200 k
RDuty = 100 k)
MaxDuty = 73% (ROSC = 200 k
RDuty = 300 k)
MaxDuty = 47% (ROSC = 200 k
RDuty = 640 k)
40
0
20
406080
25.0
20.0
15.0
10.0
5.0
0
Ta [
C]
20
100
tSS = 20 ms
tSS = 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com