Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8337 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8337
Description  STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8337 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8337 Datasheet HTML 17Page - Seiko Instruments Inc S8337 Datasheet HTML 18Page - Seiko Instruments Inc S8337 Datasheet HTML 19Page - Seiko Instruments Inc S8337 Datasheet HTML 20Page - Seiko Instruments Inc S8337 Datasheet HTML 21Page - Seiko Instruments Inc S8337 Datasheet HTML 22Page - Seiko Instruments Inc S8337 Datasheet HTML 23Page - Seiko Instruments Inc S8337 Datasheet HTML 24Page - Seiko Instruments Inc S8337 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8337/8338 Series
21
6. Short-circuit protection delay time setting capacitor (CSP)
With the S-8337/8338 Series, the short-circuit protection delay time can be set to any value by an
external capacitor. Connect the capacitor across the CSP and VSS pins. Select the capacitance by
using the following equation and referring to Figure 14. However, the following equation and figure
assume that the capacitor value is the desired value and show the theoretical values when the IC is in
the typical conditions. Note that fluctuations of capacitor and IC are not considered.
CSP [
μF]
1.0
tPRO [ms] • 2 • 10−
3
≅
120
100
80
60
40
20
0
0
0.10
0.20
0.25
CSP [
μF]
0.05
0.15
Figure 14 CSP vs. tPRO
7. Output voltage setting resistors (RFB1, RBF2)
With the S-8337/8338 Series, the output voltage can be set to any value by external divider resistors.
Connect the divider resistors across the VOUT and VSS pins. Because VFB
= 1 V, the output voltage
can be calculated by this equation.
=
VOUT
RFB2
(RFB1
+ RFB2)
Connect divider resistors RFB1 and RFB2 as close to the IC to minimize effects from of noise. If noise
does have an effect, adjust the values of RFB1 and RFB2 so that RFB1
+ RFB2 < 100 kΩ.
CFB connected in parallel with RFB1 is a capacitor for phase compensation. Select the optimum
value of this capacitor at which the stable operation can be ensured from the values of the inductor
and output capacitor.
8. Phase compensation setting resistor and capacitor (RZ, CZ)
The S-8337/8338 Series needs appropriate compensation for the voltage feedback loop to prevent
excessive output ripple and unstable operation from deteriorating the efficiency. This compensation is
implemented by connecting RZ and CZ in series across the CC and VSS pins. RZ sets the
high-frequency gain for a high-speed transient response. CZ sets the pole and zero of the error
amplifier and keeps the loop stable. Adjust RZ and CZ, taking into consideration conditions such as
the inductor, output capacitor, and load current, so that the optimum transient characteristics can be
obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com