Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8340 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S8340
Description  STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8340 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S8340 Datasheet HTML 9Page - Seiko Instruments Inc S8340 Datasheet HTML 10Page - Seiko Instruments Inc S8340 Datasheet HTML 11Page - Seiko Instruments Inc S8340 Datasheet HTML 12Page - Seiko Instruments Inc S8340 Datasheet HTML 13Page - Seiko Instruments Inc S8340 Datasheet HTML 14Page - Seiko Instruments Inc S8340 Datasheet HTML 15Page - Seiko Instruments Inc S8340 Datasheet HTML 16Page - Seiko Instruments Inc S8340 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8340/8341 Series
13
(4) 300 kHz, Output Voltage External Setting Type (D Type)
Table 8
(Ta = 25
°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Measurement
Circuit
Output voltage*1
VOUT(E)
VIN = 2.4 V, IOUT = 80 mA
3.920
4.000
4.080
V
3
FB pin voltage
VFB
VIN = 2.4 V, IOUT = 80 mA
0.980
1.000
1.020
V
3
Input voltage
VIN
−
−
−
6
V
3
Oscillation start voltage
VST2
No external parts.
The voltage is applied to VDD.
−
−
0.9
V
4
Current consumption 1
ISS1
VOUT = 3.8 V
−
255
460
μA
4
Current consumption 2
ISS2
VOUT = 4.5 V
−
110
185
μA
4
Current consumption
at shutdown
ISSS
VOUT = 3.8 V, VON/OFF = 0 V
−
−
3.0
μA
4
EXT pin output current
IEXTH
VEXT = VOUT(E)
− 0.2 V
−19
−30
−
mA
−
IEXTL
VEXT = 0.2 V
46
69
−
mA
−
Line regulation
ΔVOUT1
1.6 V
≤ VIN ≤ 2.4 V, IOUT = 80 mA
−
20
40
mV
3
Load regulation
ΔVOUT2
VIN = 2.4 V, 10
μA ≤ IOUT ≤ 100 mA
−
20
40
mV
3
Output voltage
temperature coefficient*2
ΔVOUT
ΔTa•VOUT
VIN = 2.4 V, IOUT = 80 mA, Ta =
−40 to +85°C
−
±100
−
ppm/°C
3
Oscillation frequency
fOSC
VOUT = 3.8 V, Measure waveform at the EXT pin
255
300
345
kHz
4
Maximum duty ratio
MaxDuty
VIN = 3.8 V, Measure waveform at the EXT pin
73
82
89
%
4
PWM/PFM switching
duty ratio
(S-8341 Series D type)
PFMDuty VIN = VOUT(E)
− 0.1 V, Under no load
15
21
31
%
3
Current limit detection
voltage
VSENSE
VOUT = 3.8 V
Judge oscillation at the EXT pin or oscillation
stop at “L”
90
120
150
mV
4
FB pin input current
IFB
VOUT = 6 V, VFB = 1.5 V
−50
−
50
nA
4
ON/OFF pin input voltage VSH
VOUT = 3.8 V
Judge oscillation at the EXT pin.
0.8
−
−
V
4
VSL
VOUT = 3.8 V
Judge oscillation stop at the EXT pin.
−
−
0.3
V
4
ON/OFF pin input
leakage current
ISH
VOUT = 6 V, VON/OFF = 6 V
−0.1
−
0.1
μA
4
ISL
VOUT = 6 V, VON/OFF = 0 V
−0.1
−
0.1
μA
4
Soft-start time
tSS
VIN = 2.4 V,
CSS = 4700 pF,
S-8340D00
6.0
14.3
28.0
ms
3
IOUT = 80 mA,
Measure time until oscillation
occurs at the EXT pin.
S-8341D00
6.0
17.2
28.0
ms
3
Efficiency
EFFI
VIN = 2.4 V, IOUT = 80 mA
−
85
−
%
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com