Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8425 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S8425
Description  BATTERY BACKUP SWITCHING IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8425 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S8425 Datasheet HTML 29Page - Seiko Instruments Inc S8425 Datasheet HTML 30Page - Seiko Instruments Inc S8425 Datasheet HTML 31Page - Seiko Instruments Inc S8425 Datasheet HTML 32Page - Seiko Instruments Inc S8425 Datasheet HTML 33Page - Seiko Instruments Inc S8425 Datasheet HTML 34Page - Seiko Instruments Inc S8425 Datasheet HTML 35Page - Seiko Instruments Inc S8425 Datasheet HTML 36Page - Seiko Instruments Inc S8425 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.1_01
S-8425 Series
33
1.10 Output Voltage (VRO) Temperature
Characteristics
1.11 Output Voltage (VOUT) Temperature
Characteristics
−30
−10
−20
0
30
20
10
−40
−20
0
20
40
60
80
100
Ta (
°C)
VIN = 6 V, IRO = 30 mA
Based on VRO voltage when Ta is 25
°C
−30
−10
−20
0
30
20
10
−40
−20
0
20
40
60
80
100
Ta (
°C)
VIN = 6 V, IOUT = 50 mA
Based on VOUT voltage when Ta is 25
°C
1.12 Output Voltage (VCH) Temperature
Characteristics
−30
−10
−20
0
30
20
10
−40
−20
0
20
40
60
80
100
Ta (
°C)
VIN = 6 V, ICH = 10 mA
Based on VCH voltage when Ta is 25
°C
1.13 Input Stability (
ΔVRO2) Temperature
Characteristics
1.14 Input Stability (
ΔVOUT2) Temperature
Characteristics
0
15
10
5
20
Ta (
°C)
−40
−20
020
40
80
60
100
0
15
10
5
20
Ta (
°C)
-40
-20
0
20
40
80
60
100
1.15 Input Stability (
ΔVCH2) Temperature
Characteristics
0
15
10
5
20
Ta (
°C)
−40
−20
020
40
80
60
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com