Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8520 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S8520
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8520 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S8520 Datasheet HTML 29Page - Seiko Instruments Inc S8520 Datasheet HTML 30Page - Seiko Instruments Inc S8520 Datasheet HTML 31Page - Seiko Instruments Inc S8520 Datasheet HTML 32Page - Seiko Instruments Inc S8520 Datasheet HTML 33Page - Seiko Instruments Inc S8520 Datasheet HTML 34Page - Seiko Instruments Inc S8520 Datasheet HTML 35Page - Seiko Instruments Inc S8520 Datasheet HTML 36Page - Seiko Instruments Inc S8520 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_01
S-8520/8521 Series
33
Reference Data
This reference data is intended to help you select peripheral components to be externally connected to the IC.
Therefore, this information provides recommendations on external components selected with a view to accommodating
a wide variety of IC applications. Characteristic data is duly indicated in the table below.
Table 11 External parts for efficiency data
Product name Output voltage
Inductor
Transistor
Diode Output capacitor
Application
S-8520B30MC
3.0 V
CD105 / 47
μH
TM6201
MA737
47
μF
IOUT
≤ 1 A, VIN ≤ 10 V
S-8520F33MC
3.3 V
D62F / 22
μH
MA720
22
μF
IOUT
≤ 0.5 A, VIN ≤ 10 V
S-8520F33MC
CDH113 / 22
μH IRF7606 MA737
IOUT
≤ 1 A, VIN ≤ 16 V
S-8521D30MC
3.0 V
CD54 / 47
μH
TM6201
MA720
47
μF × 2
IOUT
≤ 0.5 A, VIN ≤ 10 V,
With equipment standby mode
S-8521D30MC
IRF7606
IOUT
≤ 0.5 A, VIN ≤ 16 V,
With equipment standby mode
S-8521B30MC
CD105 / 47
μH
TM6201
MA737
47
μF
IOUT
≤ 1 A, VIN ≤ 10 V,
With equipment standby mode
S-8521B30MC
IRF7606
IOUT
≤ 1 A, VIN ≤ 16 V,
With equipment standby mode
S-8521F33MC
3.3 V
D62F / 22
μH
TM6201
MA720
22
μF
IOUT
≤ 0.5 A, VIN ≤ 10 V,
With equipment standby mode
S-8521F33MC
CDH113 / 22
μH IRF7606 MA737
IOUT
≤ 1 A, VIN ≤ 16 V,
With equipment standby mode
S-8520B50MC
5.0 V
CD54 / 47
μH
TM6201
MA720
47
μF
IOUT
≤ 0.5 A, VIN ≤ 10 V
S-8520B50MC
CD105 / 47
μH
IRF7606
MA737
IOUT
≤ 1 A, VIN ≤ 16 V
S-8520F50MC
D62F / 22
μH
TM6201
MA720
22
μF
IOUT
≤ 0.5 A, VIN ≤ 10 V
S-8520F50MC
CDH113 / 22
μH IRF7606 MA737
IOUT
≤ 1 A, VIN ≤ 16 V
S-8521D50MC
CD54 / 47
μH
TM6201
MA720
47
μF × 2
IOUT
≤ 0.5 A, VIN ≤ 10 V,
With equipment standby mode
S-8521D50MC
CD105 / 47
μH
IRF7606
MA737
IOUT
≤ 1 A, VIN ≤ 16 V,
With equipment standby mode
S-8521B50MC
CD54 / 47
μH
TM6201
MA720
47
μF
IOUT
≤ 0.5 A, VIN ≤ 10 V,
With equipment standby mode
S-8521B50MC
CD105 / 47
μH
IRF7606
MA737
IOUT
≤ 1 A, VIN ≤ 16 V,
With equipment standby mode
S-8521F50MC
D62F / 22
μH
TM6201
MA720
22
μF
IOUT
≤ 0.5 A, VIN ≤ 10 V,
With equipment standby mode
S-8521F50MC
CDH113 / 22
μH IRF7606 MA737
IOUT
≤ 1 A, VIN ≤ 16 V,
With equipment standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com