Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8533 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8533
Description  STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8533 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8533 Datasheet HTML 17Page - Seiko Instruments Inc S8533 Datasheet HTML 18Page - Seiko Instruments Inc S8533 Datasheet HTML 19Page - Seiko Instruments Inc S8533 Datasheet HTML 20Page - Seiko Instruments Inc S8533 Datasheet HTML 21Page - Seiko Instruments Inc S8533 Datasheet HTML 22Page - Seiko Instruments Inc S8533 Datasheet HTML 23Page - Seiko Instruments Inc S8533 Datasheet HTML 24Page - Seiko Instruments Inc S8533 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8533 Series
21
(4) Input Voltage Fluctuations (VIN : 2.7 V
→ 9.0 V → 2.7 V, 5.0 V → 9.0 V → 5.0 V, 7.5 V → 9.0 V → 7.5 V)
S-8533A15AFT (IOUT : 10 mA)
S-8533A15AFT (IOUT : 500 mA)
t (0.5 ms/div)
Output voltage
(0.1 V/div)
Input voltage
10 V
(2.5 V/div)
0 V
t (0.5 ms/div)
Output voltage
(0.1 V/div)
Input voltage
10 V
(2.5 V/div)
0 V
S-8533A33AFT (IOUT : 10 mA)
S-8533A33AFT (IOUT : 500 mA)
t (0.5 ms/div)
Output voltage
(0.1 V/div)
Input voltage
10 V
(2.5 V/div)
0 V
t (0.5 ms/div)
Output voltage
(0.1 V/div)
Input voltage
10 V
(2.5 V/div)
0 V
S-8533A50AFT (IOUT : 10 mA)
S-8533A50AFT (IOUT : 500 mA)
t (0.5 ms/div)
Output voltage
(0.1 V/div)
Input voltage
10 V
(2.5 V/div)
0 V
t (0.5 ms/div)
Output voltage
(0.1 V/div)
Input voltage
10 V
(2.5 V/div)
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com