Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8540 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S8540 Datasheet HTML 1Page - Seiko Instruments Inc S8540 Datasheet HTML 2Page - Seiko Instruments Inc S8540 Datasheet HTML 3Page - Seiko Instruments Inc S8540 Datasheet HTML 4Page - Seiko Instruments Inc S8540 Datasheet HTML 5Page - Seiko Instruments Inc S8540 Datasheet HTML 6Page - Seiko Instruments Inc S8540 Datasheet HTML 7Page - Seiko Instruments Inc S8540 Datasheet HTML 8Page - Seiko Instruments Inc S8540 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
2
Block Diagrams
1. A, C types (fixed output voltage)
VSS
VOUT
SD
PWM or PWM / PFM
switching control
circuit
Phase
compensation
circuit
Triangular wave
oscillation circuit
VIN
L
EXT
Voltage/current
reference
Shutdown soft start
circuit
VIN
Pch Power
MOS FET
Power for IC
RSENSE
SENSE
PWM comparator
Error amplifier
CIN
COUT
VREF
=1.0 V
125 mV
CVREF
CVL
ON/OFF
VON/OFF
CSS
RSS
Figure 1
2. B, D types (feed back)
VSS
VOUT
SD
Phase
compensation
circuit
Triangular wave
oscillation circuit
VIN
L
EXT
Voltage/current
reference
Shutdown soft start
circuit
VIN
Pch Power
MOS FET
Power for IC
RSENSE
SENSE
PWM comparator
Error amplifier
FB
CFB
RB
CIN
COUT
VREF
=1.0 V
125 mV
CVREF
CVL
ON/OFF
VON/OFF
CSS
RSS
VOUT
RA
PWM or PWM / PFM
switching control
circuit
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com