Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS2 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BGS2
Description  50-4000 MHz SILICON GERMANIUM Gain Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS2 Datasheet(HTML) 4 Page - BeRex Corporation

  BGS2 Datasheet HTML 1Page - BeRex Corporation BGS2 Datasheet HTML 2Page - BeRex Corporation BGS2 Datasheet HTML 3Page - BeRex Corporation BGS2 Datasheet HTML 4Page - BeRex Corporation BGS2 Datasheet HTML 5Page - BeRex Corporation BGS2 Datasheet HTML 6Page - BeRex Corporation BGS2 Datasheet HTML 7Page - BeRex Corporation BGS2 Datasheet HTML 8Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Rev. F
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2
Typical Performance (Vd = 3.1V, Ic = 41mA, T = 25°C)
Freq
MHz
70
900
1900
2140
2450
50
2650
S21
dB
26.8
23.7
19.9
19.1
18.2
27.1
17.4
S11
dB
-17.2
-17.2
-17.9
-17.9
-18.3
-16.7
-18.0
S22
dB
-14.7
-12.5
-9.4
-9.5
-10.6
-15.5
-13.4
P1
dBm
16.5
14..0
13.1
12.0
11.2
16.0
10.8
OIP3
dBm
29.0
26.5
25.4
23.5
23.0
29.5
25.0
NF
dB
2.7
2.3
2.2
2.2
2.3
2.7
2.5
Typical Performance (Vd = 3.2V, Ic = 47mA, T = 25°C)
Freq
MHz
70
900
1900
2140
2450
50
2650
S21
dB
27.1
23.9
20.0
19.2
18.3
27.4
17.5
S11
dB
-15.5
-16.3
-17.2
-17.3
-18.0
-15.2
-18.3
S22
dB
-13.7
-12.1
-9.6
-9.6
-10.7
-14.8
-13.6
P1
dBm
17.2
14.6
13.3
12.0
11.2
16.8
11.0
OIP3
dBm
30.0
27.0
26.0
24.0
23.5
30.0
25.1
NF
dB
2.7
2.3
2.2
2.2
2.3
2.7
2.5
Typical Performance (Vd = 3.3V, Ic = 53mA, T = 25°C)
Freq
MHz
70
900
1900
2140
2450
50
2650
S21
dB
27.3
23.9
20.0
19.3
18.4
27.6
17.6
S11
dB
-14.2
-15.5
-16.7
-16.8
-17.8
-14.1
-18.4
S22
dB
-12.9
-11.8
-9.7
-9.7
-10.0
-14.2
-13.9
P1
dBm
18.0
15.0
13.6
12.3
11.7
17.4
11.3
OIP3
dBm
30.0
27.0
26.2
24.5
23.1
32.0
26.0
NF
dB
2.7
2.3
2.2
2.2
2.3
2.7
2.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com