Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS5 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BGS5
Description  40-4000 MHz SILICON GERMANIUM Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS5 Datasheet(HTML) 3 Page - BeRex Corporation

  BGS5 Datasheet HTML 1Page - BeRex Corporation BGS5 Datasheet HTML 2Page - BeRex Corporation BGS5 Datasheet HTML 3Page - BeRex Corporation BGS5 Datasheet HTML 4Page - BeRex Corporation BGS5 Datasheet HTML 5Page - BeRex Corporation BGS5 Datasheet HTML 6Page - BeRex Corporation BGS5 Datasheet HTML 7Page - BeRex Corporation BGS5 Datasheet HTML 8Page - BeRex Corporation BGS5 Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Rev. E
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
40-4000 MHz SILICON GERMANIUM Gain Block
BGS5
S-Parameter
(Vdevice = 3.0V, Icc = 55mA, T = 25 °C, calibrated to device leads, Bias Tee Data)
Typical Performance (Vd = 3.0V, Ic = 55mA, T = 25°C)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
70.00
0.121
-121.4
8.14
167.8
0.099
5.99
0.138
-118.5
900.00
0.141
102.7
7.0
145.4
0.094
-4.60
0.152
155.8
1000.00
0.147
94.1
6.99
143.2
0.093
-5.26
0.164
150.5
1500.00
0.159
68.6
6.38
129.0
0.087
-10.2
0.215
127.7
2000.00
0.141
48.2
5.82
112.2
0.074
-10.1
0.248
110.8
2500.00
0.085
31.7
4.97
104.8
0.063
-9.9
0.261
94.7
3500.00
0.066
130.0
4.7
80.8
0.037
3.36
0.296
63.3
4000.00
0.162
123.9
4.6
71.9
0.03
40.6
0.348
50.3
Typical Device Data
S-parameters (Vc=3V, Ic=55mA, T=25°C, Bias Tee Data)
Freq
MHz
40
50
70
900
1900
2140
2450
2650
3500
S21
dB
19
18.6
17.3
16.5
15
14.6
14.1
13.8
13.3
S11
dB
-11
-13.5
-16
-17
-17
-19
-27
-40
-16.3
S22
dB
-16
-17.5
-14
-15
-13
-14
-15
-17
-16.9
P1
dBm
15
15
15.5
16.2
15.4
15
14.4
14.5
13.7
OIP3
dBm
32.5
32.5
32.5
31.5
28.5
28
27
27
24.6
NF
dB
2.2
2.2
2.2
2.5
2.7
2.8
2.9
3
2.7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com