Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5619 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2SC5619
Description  SMALL-SIGNAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SC5619 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2SC5619 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SC5619 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SC5619 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5619
シリコンNPNエピタキシァル形
高周波増幅用
直流電流増幅率−コレクタ電流特性
1
10
100
1000
0.1
1
10
100
コレクタ電流 IC(mA)
Ta=25℃
VCE=5V
エミッタ接地伝達特性
0.001
0.01
0.1
1
10
100
0.5
0.6
0.7
0.8
0.9
1
ベース・エミッタ間電圧 VBE(V)
Ta=25℃
VCE=5V
利得帯域幅積−コレクタ電流特性
0.10
1.00
10.00
0.1
1.0
10.0
100.0
コレクタ電流 IC(mA)
Ta=25℃
VCE=5V
電力利得−コレクタ電流特性
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
0.1
1.0
10.0
100.0
コレクタ電流 IC(mA)
Ta=25℃
VCE=5V
f=0.5GHz
f=1.0GHz
コレクタ出力容量−
コレクタ・ベース間電圧特性
0.1
1.0
10.0
0.1
1
10
100
コレクタ・ベース間電圧 VCB(V)
Ta=25℃
IE=0mA
f=1MHz
雑音指数−コレクタ電流特性
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
コレクタ電流 IC(mA)
Ta=25℃
VCE=5V
f=1.0GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com