Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS206AM Datasheet(PDF) 2 Page - Rohm

Part # SCS206AM
Description  SiC Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS206AM Datasheet(HTML) 2 Page - Rohm

  SCS206AM Datasheet HTML 1Page - Rohm SCS206AM Datasheet HTML 2Page - Rohm SCS206AM Datasheet HTML 3Page - Rohm SCS206AM Datasheet HTML 4Page - Rohm SCS206AM Datasheet HTML 5Page - Rohm SCS206AM Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Datasheet
SCS206AM
Unit
Min.
Typ.
Max.
Thermal resistance
Rth(j-c)
-
-
4.2
4.8
°C/W
Thermal characteristics
Parameter
Symbol
Conditions
Values
18
-
A
Forward voltage
Reverse current
V
IF=6A,Tj=25°C
VF
IF=6A,Tj=150°C
Total capacitance
Total capacitive charge
nC
-
42
IR
C
Qc
219
-
A
pF
VR=1V,f=1MHz
-
VR=600V,Tj=150°C
-
ns
VR=600V,f=1MHz
-
VR=400V,di/dt=350A/s
-
9-
-
pF
22
Switching time
tc
-
12
-
VR=400V,di/dt=350A/s
A
VR=600V,Tj=25°C
V
1.2
1.63
IF=6A,Tj=175°C
VR=600V,Tj=175°C
V
120
-
-
-
1.35
-
-
Electrical characteristics (Tj = 25°C)
600
VDC
IR =0.12mA
Parameter
Conditions
DC blocking voltage
Symbol
Typ.
Unit
Max.
Min.
-
Values
1.55
-
1.55
-
V
-
2/4
2017.06 - Rev.D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com