Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5626 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2SC5626
Description  TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SC5626 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2SC5626 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SC5626 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SC5626 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2SC5626 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
2
4
6
8
1 0
1 21 4
1 61 8
2 0
0
2
4
6
8
10
12
14
16
18
20
IB=0μA
20μA
40 μA
60 μA
80μA
100μA
120μA
140μA
160μA
180μA
Ta=25℃
エミッタ接地出力特性
コレクタ・エミッタ間電圧
V CE ( V )
エミッタ接地伝達特性
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
ベース・エミッタ間電圧 V
BE(V)
V CE=6V
Ta=25℃
直流電流増幅率−コレクタ電流特性
1
10
100
1000
10000
0.1
1
10
100
1000
コレクタ電流 I
C
(mA)
Ta=25℃
VCE=10V
コレクタ・エミッタ飽和電圧
−コレクタ電流特性
0.01
0.1
1
10
0.11
10
100
コレクタ電流 I
C
(mA)
Ta=25℃
IC/IB=10/1
利得帯域幅積−エミッタ電流特性
10
100
1000
10000
0.11
10100
エミッタ電流 I
E
(mA)
V CE=5V
Ta=25℃
入出力容量−ベース電圧特性
0.1
1.0
10.0
100.0
0.11.010.0
100.0
コレクタ・ベース電圧 V
CB(V)
エミッタ・ベース電圧 V
EB(V)
Cob
Cib
f=1MHz
IE=0A
IC=0A
Ta=25℃
〈トランジスタ〉
2SC5626
シリコンNPNエピタキシァル形(スーパーミニタイプ)
高周波増幅用



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com