Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS302AP Datasheet(PDF) 3 Page - Rohm

Part # SCS302AP
Description  SiC Schottky Barrier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS302AP Datasheet(HTML) 3 Page - Rohm

  SCS302AP Datasheet HTML 1Page - Rohm SCS302AP Datasheet HTML 2Page - Rohm SCS302AP Datasheet HTML 3Page - Rohm SCS302AP Datasheet HTML 4Page - Rohm SCS302AP Datasheet HTML 5Page - Rohm SCS302AP Datasheet HTML 6Page - Rohm SCS302AP Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Datasheet
SCS302AP
Electrical characteristic curves
 
Fig.3 V
R -IR Characteristics
Fig.1 V
F -IF Characteristics
Forward Voltage : V
F
[V]
Fig.2 V
F -IF Characteristics
Forward Voltage : V
F
[V]
Reverse Voltage : V
R
[V]
Fig.4 V
R-Ct Characteristics
Reverse Voltage : V
R
[V]
0.001
0.01
0.1
1
0
200
400
600
T
a=125ºC
T
a=175ºC
T
a=75ºC
T
a=25ºC
T
a= 25ºC
0.001
0.01
0.1
1
10
0.0
0.5
1.0
1.5
2.0
2.5
Pulsed
T
a=125ºC
T
a=175ºC
T
a=75ºC
T
a=25ºC
T
a= 25ºC
0
0.5
1
1.5
2
2.5
3
0.0
0.5
1.0
1.5
2.0
2.5
T
a=125ºC
T
a=175ºC
T
a=75ºC
T
a=25ºC
T
a= 25ºC
Pulsed
1
10
100
1,000
0.01
0.1
1
10
100
1000
T
a=25ºC
f=1MHz
3/5
2017.07 - Rev.B
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com