Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-5000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FT-5000
Description  Supports up to 42KB of application code space
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-5000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  FT-5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-5000 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FT 5000 Tape and Reel Information
Devices are uniformly loaded in the carrier tape such that the device pin one is oriented
in quadrant 1 toward the side of the tape having round sprocket holes. Figure 15
illustrates the pin-one location.
User Direction of Feed
Figure 15: FT 5000 Pin One Orientation
Figure 16 shows the outline dimensions of the carrier tape.
Figure 16: Carrier Tape Outline Drawing
Ao = Bo = 7.25
Ko = 1.10
Notes
1. All dimensions are in millimeters.
2. Tolerances unless noted: 1PL + 0.2. 2PL + 0.1
3. 10 Sprocket hole pitch cumulative tolerance +0.2
4. Camber in compliance with EIA 481.
5. Pocket position relative to sprocket hole measured as true position of pocket, not pocket
hole.
For more information, refer to EIA-481-B, Taping of Surface Mount Components for
Automatic Placement.
Figure 17 shows the FT 5000 Series 13” Reel Drawing and Specification.
www.echelon.com
®
Recommendation: Add vias to the ends
of each pin pad connection (just outside
of the SMT pad rectangles) to provide
additional mechanical support for the
transformer.
FT-X3 Communications
Transformer Mechanical
Specification



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com