Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C243 Datasheet(PDF) 3 Page - SMSC Corporation

Part # USB97C243
Description  capacitor Selection for Internal Regulator Output Pins
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C243 Datasheet(HTML) 3 Page - SMSC Corporation

  USB97C243 Datasheet HTML 1Page - SMSC Corporation USB97C243 Datasheet HTML 2Page - SMSC Corporation USB97C243 Datasheet HTML 3Page - SMSC Corporation USB97C243 Datasheet HTML 4Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USB97C223 and USB97C243 Capacitor Selection for Internal Regulator Output Pins
SMSC AN 10.8
Page 3
Rev. 12-16-03
APPLICATION NOTE
Overview
The USB97C223 and USB97C243 have two internal 1.8V regulators used to provide the digital and analog 1.8V
supplies. The output pins of the regulator have very specific capacitor requirements that are described below.
It is important that the customer designs their product with the specifications set forth in this document.
Requirements
Table 1 lists the capacitor requirements on the regulator output pins.
Table 1 – Regulator Output Pins
USB97C223
PIN NUMBER
PIN NAME
PIN DESCRIPTION
CAPACITOR REQUIREMENT
98
VDDP
Analog Regulator
Output
10uF +/- 20 % with < 0.65 Ohm ESR
91
VDDCORE
Digital Regulator
Output
10uF +/- 20 % with < 0.65 Ohm ESR
USB97C243
50
VDDP
Analog Regulator
Output
10uF +/- 20 % with < 0.65 Ohm ESR
43
VDDCORE (closest
to VREG)
Digital Regulator
Output
10uF +/- 20 % with < 0.65 Ohm ESR
Figure 1 and Figure 2 show an example of the degradation in performance of the USB97C223 and USB97C243
as the ESR of the capacitor on the output of the regulators is increased to 0.65 Ohm.
Figure 1 - 10uF Capacitor with 0.1 Ohm ESR
Figure 2 - 10uF Capacitor with 0.65 Ohm ESR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com