Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN939 Datasheet(PDF) 2 Page - Microchip Technology

Part # AN939
Description  Designing Energy Meters with the PIC16F873A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN939 Datasheet(HTML) 2 Page - Microchip Technology

  AN939 Datasheet HTML 1Page - Microchip Technology AN939 Datasheet HTML 2Page - Microchip Technology AN939 Datasheet HTML 3Page - Microchip Technology AN939 Datasheet HTML 4Page - Microchip Technology AN939 Datasheet HTML 5Page - Microchip Technology AN939 Datasheet HTML 6Page - Microchip Technology AN939 Datasheet HTML 7Page - Microchip Technology AN939 Datasheet HTML 8Page - Microchip Technology AN939 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AN939
DS00939A-page 2
© 2005 Microchip Technology Inc.
To get an accurate picture of power consumption for an
AC system, we need to make frequent measurements,
preferably many times that of the supply frequency. In
this application, we use a sampling rate of 400 Hz,
which provides 8 samples per full cycle of the line
frequency (for AC supply frequency of 50 Hz). For a
sampling rate Fs, we get N samples in N/Fs seconds. By
multiplying this expression for time by average power,
we obtain an expression for energy consumed in terms
of wattseconds (the second expression in Equation 1).
From here, we can use simple math to calculate
kilowatthours.
Of course, it is difficult for a microcontroller to make
direct measurements when the supply voltage is
coming straight off the mains: say, 230V at up to 50A.
This makes it necessary to indirectly measure line
voltage and current at a level consistent with a micro-
controller, then rescale these measurements to arrive
at the original value. The best way to do this is to
reduce the voltage to a level and dynamic range that is
compatible with digital circuitry. (Measuring current
here is essentially the same as measuring voltage, in
that we will use a transducer that generates a voltage
proportional to the load current.) The actual voltage
and current readings can then be derived.
For this application, the derived voltage reading, Vd, is
related to the actual instantaneous line voltage Vi by
the expression, Vd = Vi Kd/Kv or Vi = Vd Kv/Kd, where Kd
is the digitization constant for the ADC in this applica-
tion and Kv is the voltage proportionality constant for
the circuit design. For this particular application, Kd is
204.6, the digital value from the ADC that represents
1V. Kv is the factor by which the input line voltage is
reduced by a voltage divider; in our design, it is 300.
Similarly, the derived current reading, Id, is related to Ii
by the expression, Id = Ii Kd/Ki or Ii = Id Ki/Kd, where Ki
is the current proportionality constant specific to this
design; it is calculated by dividing the CT turn ratio by
the product of the current amplifier gain and the input
burden resistance. For this application, based on a
5000-turn CT, the value of Ki works out to be
approximately 8.7. Kd is the same as before.
By substituting the attenuated values of Vd and Id for
the Vi and Ii in the original power measurement
equation, we get an expression that relates the con-
sumed power directly to the indirect voltage and current
measurements, as shown in Equation 2.
EQUATION 2:
CALCULATING CONSUMED
ENERGY FROM INDIRECT
MEASUREMENTS
We could accumulate a running total indefinitely and
directly interpret it for energy consumed over time. How-
ever, it’s more practical to accumulate up to some fixed
amount, then increment a counter to indicate energy
consumption. For our application, we will accumulate
10 Wh (0.01 kWh) before incrementing the counter. This
value represents the resolution limit of the meter. It is
equivalent to 36,000 wattseconds (10 Wh x 60 x 60); this
means that we increment the counter every time that the
right side of Equation 2 reaches 36,000.
We can also rearrange Equation 2 to define the power
consumed entirely in terms of Vd and Id. Since we have
already defined Fs, Kv, Ki and Kd in constant terms, we
can give the whole quotient on the right side of the
equation a constant value, D (Equation 3).
EQUATION 3:
REDEFINING POWER IN
TERMS OF Vd AND Id ONLY
In simple terms, any time that the accumulated sum of
the voltage and current products equals or exceeds D,
we increment the kWh counter. We also save any
remainder in excess of D to be used in the next round
of accumulation.
Note that anything which might influence the value of
the constants may also affect the value of D and
requires changes to the amplifier design. This includes
the use of a shunt instead of a CT, or even changing the
CT turn ratio, both of which may change Ki.
Note:
The calculation of Ki when using a shunt is
somewhat different. The actual circuit
design for current measurement, and the
design considerations for using a shunt,
are discussed in more detail in “Hardware
Design”, starting on page 10.
Energy Consumed
(wattseconds)
=
N
ΣV
d • Id
k = 1
Fs • K
2
⎛
⎜
⎝
kk
⎞
⎟
⎠
• (Kv • Ki)
d
When 0.01 kWh is consumed:
=
N
ΣV
d • Id
k = 1
Kv • Ki
kk
3600 • Fs • K
2
d
= D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com