Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF1000OF Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # WF1000OF
Description  MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

WF1000OF Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  WF1000OF Datasheet HTML 1Page - Red Lion Controls. Inc WF1000OF Datasheet HTML 2Page - Red Lion Controls. Inc WF1000OF Datasheet HTML 3Page - Red Lion Controls. Inc WF1000OF Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Note: After installation of measuring wheels, ensure guards,shields or other
devices are in place to protect personnel from rotating equipment.
CIRCUMFERENCE
PART NUMBER
1 foot (1/3 yd)
±0.40%
WF1000OR
OR
1/3 meter
±0.40%
WM0333OR
4/10ths yard
±0.40%
WY0400OR
4/10ths meter
±0.40%
WM0400OR
1 foot (1/3 yd)
±0.35%
WF1000OF
OF
1/3 meter
±0.30%
WM0333OF
4/10ths yard
±0.30%
WY0400OF
4/10ths meter
±0.30%
WM0400OF
BF (Balanced)
1 foot (1/3 yd)
±0.40%
WF1000BF
WHEEL CODE
TOLERANCE
WHEEL CODE
CIRCUMFERENCE
TOLERANCE
PART NUMBER
1 foot (1/3 yd)
±0.35%
WF1000OK
OK
1/3 meter
±0.30%
WM0333OK
4/10ths yard
±0.30%
WY0400OK
4/10ths meter
±0.30%
WM0400OK
BK (Balanced)
1 foot (1/3 yd)
±0.35%
WF1000BK
Replacement Tires
for OR Wheels
1 foot (1/3 yd)
TORF1000
1/3 meter
TORM0333
4/10ths yard
TORY0400
4/10ths meter
TORM0400
ORDERING INFORMATION
When the desired output of a length sensor and wheel combination is either
in inches, feet, yards, or meters selection of the proper combination is relatively
straight forward. For example, with a 1-foot wheel circumference, a 1 PPR
Rotary Pulse Generator will deliver 1 pulse/ft, 12 PPR would deliver 12 pulses/
ft (1 pulse/inch); 100 PPR would yield 100 pulses/ft; and 120 PPR would permit
measuring to 1/10th of an inch (1/120th of a foot).
LENGTH SENSOR ACCESSORIES
SEPARATE LENGTH MEASURING WHEELS - DIMENSIONS In Inches (mm)
Cast
Alum.
.376"
(9.6)
Bore
+.001"
-.000"
8-32 UNF
Set Screw
3/8"
(9.5)
Round Section Replaceable
Tire .210" Section Dia.
Black Neoprene
Diamond Knurled Aluminum
Tread
10-32 UNF
Set Screw
1"
(25.4)
Alum.
Cast
.376"
-.000"
+.001"
(9.6)
Bore
.376"
(9.6)
Bore
+.001"
-.000"
Tan, Smooth Polyurethane
Tread
10-32 UNF
Set Screw
Alum.
Cast
1"
(25.4)
OF
WHEEL
CODE
OK
WHEEL
CODE
FOR USE ON: Metal, paper,
foil, film and hard plastics.
Line contact on material
being measured,
convenient when available
measuring track is narrow
or for measuring on end of
roller beside passing
material.
Max. Speed: 600 RPM
FOR USE ON: Soft, smooth
materials such as soft
paper, matting,
cardboard, fine weave
textiles. Broad wheel
tread minimizes contact
pressure and tan
polyurethane tread
minimizes marking.
Max. Speed: 600 RPM
Balanced version of 1ft.
circumference available.
Balanced to ANSI S2.19-
1989 Quality Grade 6.3 @
3000 RPM.
FOR USE ON: Rubber,
coarse weave fabrics,
rough wood surfaces,
foam, insulation.
Max. Speed: 600 RPM
Balanced version of 1ft.
circumference available.
Balanced to ANSI S2.19-
1989 Quality Grade 6.3
@ 3000 RPM.
SELECTING APPROPRIATE WHEEL SIZE & PPR (Pulses Per Rev.) OF ROTARY PULSE GENERATOR
WHEELS & REPLACEMENT TIRES FOR CODE OR WHEELS
OR
WHEEL
CODE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com