Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD2000B Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # ZMD2000B
Description  Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ZMD2000B Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  ZMD2000B Datasheet HTML 1Page - Red Lion Controls. Inc ZMD2000B Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
-2-
Bulletin No. ZMD-C
Released 2017-05-02
Drawing No. LP0733
8. HOUSING: Stainless steel fibers in a high temperature nylon composite
9. MOUNTING: Pivot Shaft can be mounted from either side of the
housing and is field reversible.
10.WEIGHT: 5 oz. typical (141.7 g)
ENVIRONMENTAL SPECIFICATIONS
1. OPERATING TEMPERATURE: -20 °C to 85 °C
2. STORAGE TEMPERATURE: -25 °C to +85 °C
3. HUMIDITY: 98% RH non-condensing
4. VIBRATION: 10 g @ 58 to 500 Hz
5. SHOCK: 80 g @ 11 msec duration
6. SEALING: IP50
ORDERING INFORMATION
Only factory stocked part numbers are listed. Consult Factory for part
number and availability of other PPR and output configurations.
ACCESSORIES
MODEL NO. DESCRIPTION
PPR
PART NUMBER
ZMD
Miniature Length Sensor
with Quadrature Output
250
ZMD0250B
500
ZMD0500B
1000
ZMD1000B
2000
ZMD2000B
2500
ZMD2500B
DESCRIPTION
PART NUMBER
Mounting Bracket
RPGMB002
Urethane (6" Circumference) Wheel
WI0006OF
Knurled (6" Circumference) Wheel
WI0006OK
Urethane (200 mm Circumference) Wheel
WM0200OF
Knurled (200 mm Circumference) Wheel
WM0200OK
Do not dispose of unit in trash - Recycle
2.00
1.00
1.75
R.14
1.00
.25
1.81
R.093
(44.45)
(50.8)
(25.4)
(6.35)
(44.45)
(25.4)
1.75
1.25 (31.75)
.75 (19.05)
.125 (3.175)
(45.97)
DIMENSIONS In inches (mm)
MOUNTING BRACKET
This accessory angle mounting bracket
allows for a variety of mounting positions and
makes installation of the ZMD even easier.
LIMITED WARRANTY
(a) Red Lion Controls Inc. (the “Company”) warrants that all Products shall be free from defects in material and
workmanship under normal use for the period of time provided in “Statement of Warranty Periods” (available at
www.redlion.net) current at the time of shipment of the Products (the “Warranty Period”). EXCEPT FOR THE ABOVE-
STATED WARRANTY, COMPANY MAKES NO WARRANTY WHATSOEVER WITH RESPECT TO THE
PRODUCTS, INCLUDING ANY (A) WARRANTY OF MERCHANTABILITY; (B) WARRANTY OF FITNESS FOR A
PARTICULAR PURPOSE; OR (C) WARRANTY AGAINST INFRINGEMENT OF INTELLECTUAL PROPERTY
RIGHTS OF A THIRD PARTY; WHETHER EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF
PERFORMANCE, USAGE OF TRADE OR OTHERWISE. Customer shall be responsible for determining that a
Product is suitable for Customer’s use and that such use complies with any applicable local, state or federal law.
(b) The Company shall not be liable for a breach of the warranty set forth in paragraph (a) if (i) the defect is a result
of Customer’s failure to store, install, commission or maintain the Product according to specifications; (ii) Customer
alters or repairs such Product without the prior written consent of Company.
(c) Subject to paragraph (b), with respect to any such Product during the Warranty Period, Company shall, in its
sole discretion, either (i) repair or replace the Product; or (ii) credit or refund the price of Product provided that, if
Company so requests, Customer shall, at Company’s expense, return such Product to Company.
(d) THE REMEDIES SET FORTH IN PARAGRAPH (c) SHALL BE THE CUSTOMER’S SOLE AND EXCLUSIVE
REMEDY AND COMPANY’S ENTIRE LIABILITY FOR ANY BREACH OF THE LIMITED WARRANTY SET FORTH
IN PARAGRAPH (a).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com