Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16235LEDR Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 16235LEDR
Description  PACIFIC DISPLAY DEVICES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

16235LEDR Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 16235LEDR Datasheet HTML 7Page - List of Unclassifed Manufacturers 16235LEDR Datasheet HTML 8Page - List of Unclassifed Manufacturers 16235LEDR Datasheet HTML 9Page - List of Unclassifed Manufacturers 16235LEDR Datasheet HTML 10Page - List of Unclassifed Manufacturers 16235LEDR Datasheet HTML 11Page - List of Unclassifed Manufacturers 16235LEDR Datasheet HTML 12Page - List of Unclassifed Manufacturers 16235LEDR Datasheet HTML 13Page - List of Unclassifed Manufacturers 16235LEDR Datasheet HTML 14Page - List of Unclassifed Manufacturers 16235LEDR Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16235
PACIFIC DISPLAY DEVICES
07.01.2003
11
3. OPERATING PRINCIPALS AND METHODES
• Control and Display Command
Command
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Exe Time
f=250khz
Remark
Display Clear
L
L
L
L
L
L
L
L
L
H
1.64ms
Return Home
L
L
L
L
L
L
L
L
H
X
1.64ms
Cursor move to first digit
Entry Mode Set
L
L
L
L
L
L
L
H
I/D
SH
42
µs
• I/D : Set cursor move direction
• SH : Specifies shift of display
Display On/Off
L
L
L
L
L
L
H
D
C
B
42
µs
• Display
• Cursor
• Blinking
Shift
L
L
L
L
L
H
S/C
R/L
X
X
42
µs
Set Function
L
L
L
L
H
DL
N
F
X
X
42
µs
Set Cg Ram Address
L
L
L
H
CG RAM address
(corresponds to cursor address)
42
µs
CG RAM Data is sent and
received after this setting
Set Dd Ram
Address
L
L
H
DD RAM address
42
µs
DD RAM Data is sent and
received after this setting
Read Busy Flag &
Address
L
H
BF
Address Counter used for
both DD & CG RAM address
0
µs
− Reads BF indication internal
operating is being performed
− Reads addr counter contents
Write Data
H
L
Write Data
46
µs
Write data into DD or CG RAM
Read Data
H
H
Read Data
46
µs
Read data from DD or CG RAM
X : Don’t care
H Busy
BF
L
Ready
H 5 X 10 dots
F
L
5 X 7 dots
H 2 line display
N
L
1 line display
H 8 bits interface
DL
L
4 bits interface
H Display shift
S/C
L
Cursor move
H Right shift
R/L
L
Left shift
H Blinking on
B
L
Blinking off
H Cursor on
C
L
Cursor off
H Display on
D
L
Display off
H Increase
I/D
L
Decrease
H Display is shifted
SH
L
Display is not
shifted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com