Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16235FAM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 16235FAM
Description  PACIFIC DISPLAY DEVICES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

16235FAM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  16235FAM Datasheet HTML 1Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 2Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 3Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 4Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 5Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 6Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 7Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 8Page - List of Unclassifed Manufacturers 16235FAM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16235
PACIFIC DISPLAY DEVICES
07.01.2003
3
1.3 Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Supply voltage for logic
VDD
-0.3
7.0
V
Supply voltage for LCD
VDD – V0
--
VDD +0.3
V
Input voltage
VI
-0.3
VDD +0.3
V
Standard Operating temperature
TOP (-ST)
0
50
ºC
Standard Storage temperature
TST (-ST)
-10
60
ºC
Extended Operating temperature
TOP (-ET)
-20
70
ºC
Extended Storage temperature
TST (-ET)
-30
80
ºC
Soldering Temp
Tsolder
260
ºC
1.4 Circuit Block Diagram
1.5 Mechanical Characteristics
Item
Contents
Unit
Module size (W
×H×T)
85 x 35 x 14.2 Max (w/ LED Backlight)
85 x 35 x 10 Max (w/ ELP or No LED Backlight)
mm
Viewing area (W
×H)
62.2 x 17.9
mm
Character matrix (W
×H)
5 x 8
dots
Character size (W
×H)
2.95 x 5.55
mm
Dot size (W
×H)
0.55 x 0.65
mm
Dot pitch (W
×H)
0.60 x 0.70
mm
CONTROLLER
IC
S6A0069
LCD PANEL
16 CHARACTERS x 2 LINES
VO
VDD
VSS
E
R/W
RS
DB0
~
DB7
EL / LED BACK LIGHT
BLA
BLK
Com16
Seg80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com