Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8150 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8150
Description  SINGLE CHANNEL 12 BIT CIS/CCD AFE WITH 4 BIT WIDE OUTPUT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8150 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8150 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8150 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
WM8150
Production Data
w
PD Rev 3.0 November 2002
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM8150CDS
0 to 70
oC
20-pin SSOP
WM8150CDS/R
0 to 70
oC
20-pin SSOP
(tape and reel)
WM8150
1VINP
2
3
4
5
6
7
8
10
9
20
19
18
17
16
15
14
13
11
12
DVDD1
VSMP
MCLK
DGND
SEN
DVDD2
SDI
SCK
OP[0]
AGND2
VRLC/VBIAS
VRX
VRT
VRB
AGND1
AVDD
OP[3]/SDO
OP[1]
OP[2]
Note:
Reel quantity = 2,000
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AGND2
Supply
Analogue ground (0V).
2
DVDD1
Supply
Digital core (logic and clock generator) supply (5V)
3
VSMP
Digital input
Video sample synchronisation pulse.
4
MCLK
Digital input
Master clock. This clock is applied at N times the input pixel rate (N = 2, 3, 6, 8 or
any multiple of 2 thereafter depending on input sample mode).
5
DGND
Supply
Digital ground (0V).
6
SEN
Digital input
Enables the serial interface when high.
7
DVDD2
Supply
Digital supply (5V/3.3V), all digital I/O pins.
8
SDI
Digital input
Serial data input.
9
SCK
Digital input
Serial clock.
Digital multiplexed output data bus.
ADC output data (d11:d0) is available in 4-bit multiplexed format as shown below.
AB
C
D
10
OP[0]
Digital output
d8
d4
d0
OVRNG
11
OP[1]
Digital output
d9
d5
d1
CC0
12
OP[2]
Digital output
d10
d6
d2
CC1
13
OP[3]/SDO
Digital output
d11
d7
d3
0
Alternatively, pin OP[3]/SDO may be used to output register read-back data when
address bit 4=1 and SEN has been pulsed high. See Serial Interface description in
Device Description section for further details.
14
AVDD
Supply
Analogue supply (5V)
15
AGND1
Supply
Analogue ground (0V).
16
VRB
Analogue output
Lower reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
17
VRT
Analogue output
Upper reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
18
VRX
Analogue output
Input return bias voltage.
This pin must be connected to AGND via a decoupling capacitor.
19
VRLC/VBIAS
Analogue I/O
Selectable analogue output voltage for RLC or single-ended bias reference.
This pin would typically be connected to AGND via a decoupling capacitor.
VRLC can be externally driven if programmed Hi-Z.
20
VINP
Analogue input
Video input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com