Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # WM8734
Description  STEREO AUDIO CODEC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WM8734 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button WM8734 Datasheet HTML 17Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 18Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 19Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 20Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 21Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 22Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 23Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 24Page - List of Unclassifed Manufacturers WM8734 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
WM8734
Advanced Information
w
AI Rev 2.2 November 2001
21
In Master mode, DACLRC and ADCLRC will be output with a 50:50 mark-space ratio with BCLK
output at 64fs.
The ADC and DAC digital audio interface modes are software configurable as indicated in Table 7.
Note that dynamically changing the software format may result in erroneous operation of the
interfaces and is therefore not recommended. The length of the digital audio data is programmable at
16/20/24 or 32 bits. Refer to the software control table below. The data is signed 2’s complement.
Both ADC and DAC are fixed at the same data length. The ADC and DAC digital filters process data
using 24 bits. If the ADC is programmed to output 16 or 20 bit data then it strips the LSBs from the
24 bit data. If the ADC is programmed to output 32 bits then it packs the LSBs with zeros. If the DAC
is programmed to receive 16 or 20 bit data, the WM8734 packs the LSBs with zeros. If the DAC is
programmed to receive 32 bit data, then it strips the LSBs.
The DAC outputs can be swapped under software control using LRP and LRSWAP as shown in
Table 7. Stereo samples are normally generated as a Left/Right sampled pair. LRSWAP reverses the
order of that a Left sample goes to the right DAC output and a Right sample goes to the left DAC
output. LRP swaps the phasing so that a Right/Left sampled pair is expected and preserves the
correct channel phase difference.
To accommodate system timing requirements the interpretation of BCLK may be inverted, this is
controlled vias the software shown in Table 6. This is especially appropriate for DSP mode.
ADCDAT lines are always outputs. They power up and return from standby low.
DACDAT is always an input. It is expected to be set low by the audio interface controller when the
WM8734 is powered off or in standby.
ADCLRC, DACLRC and BCLK can be either outputs or inputs depending on whether the device is
configured as a master or slave. If the device is a master then the ADCLRC, DACLRC and BCLK
signals are outputs that default low. If the device is a slave then the ADCLRC, DACLRC and BCLK
are inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com