Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW320 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW320
Description  5 ~ 3000 MHz MMIC Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW320 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW320 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW320 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW320 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW320 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW320 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW320 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW320
5 ~ 3000 MHz MMIC Amplifier
(Supply Voltage = Device Voltage, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
350
870
900
1600
900
1600
Gain
dB
23.0
22.0
22.0
19.5
22.0
19.5
S11
dB
-12
-12
-9
-7
-9
-7
S22
dB
-10
-9
-8
-6
-8
-6
Output IP31)
dBm
41.5
41.5
40.5
39.0
42.5
41.0
Noise Figure
dB
2.6
2.6
2.3
2.6
2.4
2.7
Output P1dB
dBm
26
26
22
21
24
23
Supply Voltage
mA
7.4
7.4
5.0
5.0
6.0
6.0
Current
V
+148
+148
+120
+120
+145
+145
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
900
Gain
dB
22.0
S11
dB
-9
S22
dB
-8
Output IP3
dBm
40.5
Noise Figure
dB
2.3
Output P1dB
dBm
22
Current
mA
120
Supply Voltage
V
+5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+8.5 V
Operating Junction Temperature
+150
C
Input RF Power (Continuous)*
+22 dBm
Thermal Resistance
43
C/W
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
 22 dB Gain at 900 MHz
 22 dBm P1dB
 40.5 dBm Output IP3
 2.3 dB NF
 MTTF > 100 Years
 Single Supply
The ASW320, a gain block amplifier MMIC, has a
high linearity, high gain, and high efficiency over a
wide range of frequency, being suitable for use in
both receiver and transmitter of telecommunication
systems up to 3 GHz. It has an active bias network
for stable current over temperature and process
variation. The amplifier is available in a SOT89
package and passes through the stringent DC, RF,
and reliability tests
Applications Circuit
 350 ~ 870 MHz (7.4 V)
 900 ~ 1600 MHz (5 V & 6 V)
 30 ~ 600 MHz (8 V)
Product Specifications
ASW320
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias


Similar Part No. - ASW320

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW320 ASB-ASW320 Datasheet
397Kb / 5P
5 ~ 3000 MHz MMIC Amplifier
October 2012
More results

Similar Description - ASW320

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C Datasheet
277Kb / 4P
5-3000 MHz MMIC Amplifier
October 2012
ASL13W ASB-ASL13W Datasheet
927Kb / 14P
5-3000 MHz MMIC Amplifier
April 2012
ASW101 ASB-ASW101 Datasheet
412Kb / 6P
5-3000 MHz MMIC Amplifier
February 2010
ASX401 ASB-ASX401 Datasheet
3Mb / 33P
250-3000 MHz MMIC Amplifier
September 2012
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
5-3000 MHz MMIC Amplifier
September 2012
ASX620 ASB-ASX620 Datasheet
654Kb / 8P
250-3000 MHz MMIC Amplifier
September 2012
ASL13C ASB-ASL13C_15 Datasheet
1Mb / 13P
5 ~ 3000 MHz MMIC Amplifier
December 2014
ASL13W ASB-ASL13W_13 Datasheet
863Kb / 15P
5-3000 MHz MMIC Amplifier
November 2012
ASW320 ASB-ASW320 Datasheet
397Kb / 5P
5 ~ 3000 MHz MMIC Amplifier
October 2012
ASF255 ASB-ASF255_17 Datasheet
527Kb / 8P
5 ~ 3000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com