Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW335 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASW335
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW335 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASW335_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW335_17 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW335_17 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW335_17 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW335_17 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW335_17 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW335_17 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASW335_17 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASW335_17 Datasheet HTML 17Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
September 2017
ASW335
5 ~ 4000 MHz MMIC Amplifier
P1dB vs. Temperature
Current vs. Temperature
Output IP3 vs. Tone Power (Frequency = 2600 MHz)
Gain vs. Temperature
-60
-40
-20
0
20
40
60
80
100
10
12
14
16
18
20
Temperature (
o
C)
Frequency = 2600 MHz
-60
-40
-20
0
20
40
60
80
100
12
14
16
18
20
22
24
Temperature (
o
C)
Frequency = 2600 MHz
1
2
3
4
5
6
7
8
9
10
11
0
10
20
30
40
50
60
P
out
per Tone (dBm)
-40
o
c
25
o
c
85
o
c
-60
-40
-20
0
20
40
60
80
100
40
60
80
100
120
140
Temperature (
o
C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com