Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX201 Datasheet(PDF) 21 Page - Advanced Semiconductor Business Inc.

Part # ASX201
Description  250 ~ 5000 MHz MMIC Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX201 Datasheet(HTML) 21 Page - Advanced Semiconductor Business Inc.

Back Button ASX201 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASX201 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASX201 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASX201 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASX201 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASX201 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. ASX201 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. ASX201 Datasheet HTML 21Page - Advanced Semiconductor Business Inc. ASX201 Datasheet HTML 22Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX201
250 ~ 5000 MHz MMIC Amplifier
Performance with varying VDEVICE
VDEVICE
(V)
Current
(mA)
Freq.
(MHz)
Gain
(dB)
S11
(dB)
S22
(dB)
OIP31)
(dBm)
P1dB
(dBm)
NF
(dB)
+4.8
66
880
20.0
-21.5
-14.3
35.3
21.0
4.06
+4.5
51
19.7
-19.1
-14.4
31.3
18.4
3.63
+4.2
38
19.2
-16.5
-14.7
27.5
15.5
3.15
+4.8
66
1950
16.4
-27.8
-27.4
35.1
21.3
2.88
+4.5
51
16.2
-26.8
-25.2
31.5
18.8
2.55
+4.2
38
15.9
-24.0
-23.0
27.9
16.1
2.27
+4.8
66
3500
12.3
-14.4
-13.4
35.2
19.6
3.71
+4.5
51
12.2
-14.0
-13.2
30.9
16.4
3.27
+4.2
38
11.8
-13.2
-12.7
27.2
14.3
3.01
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com