Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWB459 Datasheet(PDF) 21 Page - Advanced Semiconductor Business Inc.

Part # AWB459
Description  Wide band MMIC Amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB459 Datasheet(HTML) 21 Page - Advanced Semiconductor Business Inc.

Back Button AWB459_17 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 21Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 22Page - Advanced Semiconductor Business Inc. AWB459_17 Datasheet HTML 23Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/23
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
July 2017
AWB459
Wide band MMIC Amplifier
RF IN
RF OUT
AWB459
Vs=5 V
C6=10
F
L1=220 nH
C4=100 pF
C2=100 pF
(Coil)
C1=1.8 pF
R1=100 k
R2=430
C3=100 pF
L2=2.7 nH
C5=0.75 pF
0
500
1000
1500
2000
2500
10
15
20
25
30
Frequency (MHz)
0
500
1000
1500
2000
2500
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
1
2
3
4
5
Frequency (MHz)
1) OIP3 is measured with two tones at an output power of +7 dBm/tone separated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
1000
1500
2000
Magnitude S21 (dB)
20.1
21.0
22.8
Magnitude S11 (dB)
-7
-8
-7
Magnitude S22 (dB)
-11
-10
-10
Output P1dB (dBm)
24.0
23.5
20.0
Output IP31) (dBm)
39.0
38.5
35.0
Noise Figure (dB)
1.40
1.40
1.65
Device Voltage (V)
+5
Current (mA)
130
Wide Band
1000 ~ 2000 MHz
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com