Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWB459 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # AWB459
Description  Wide band MMIC Amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB459 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AWB459 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
July 2017
AWB459
Wide band MMIC Amplifier
Description
(Supply Voltage = +5 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
30
512
800
1200
1600
Gain
dB
24.0
23.5
20.0
20.0
20.5
S11
dB
-15
-16
-12
-14
-13
S22
dB
-15
-16
-18
-12
-10
Output IP31)
dBm
40
40
39
38
38
Noise Figure
dB
0.8
1.1
1.2
1.25
1.4
Output P1dB
dBm
23.0
23.5
23.5
23.5
24.0
Current
mA
130
Device Voltage
V
+5
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
1200
Gain
dB
20.0
S11
dB
-14
S22
dB
-12
Output IP3
dBm
38
Noise Figure
dB
1.25
Output P1dB
dBm
23.5
Current
mA
110
130
Device Voltage
V
+5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+10 V
Operating Junction Temperature
+150
C
Input RF Power
(CW, 50
matched as in 512 MHz application circuit)*
+26 dBm
Thermal Resistance
43
C/W
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
The max. input power, in principle, depends upon the application frequency and the matching circuit.
Features
Typical Performance
Absolute Maximum Ratings
 20 dB Gain at 1200 MHz
 23.5 dBm P1dB at 1200 MHz
 38 dBm Output IP3 at 1200 MHz
 1.25 dB NF
 +5 V Single Supply
Product Specifications
AWB459
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias
Applications
 IF 1.5 ~ 500 MHz (6.5 V)
 IF 21.4 ~ 512 MHz (3 V)
 IF 30 ~ 512 MHz
(3 V & 5 V & 8 V)
 IF 30 ~ 512 MHz (8 V, 140 mA)
 DVB 470 ~ 800 MHz (5 V & 8 V)
 IF 1.5 ~ 1000 MHz (8 V)
 MoCA
(800 ~ 1600 MHz, 5 V & 8 V)
1200 ~ 1700 MHz (5 V & 8 V)
 Wide Band
(1000 ~ 2000 MHz, 5 V & 8 V)
(30 ~ 2000 MHz, 3 V & 5 V & 8 V)
Description
The AWB459, a gain block amplifier MMIC, has a
high linearity, high gain, and high efficiency over a
wide range of frequency, being suitable for use in
both receiver and transmitter of telecommunication
systems up to 2 GHz. It has an active bias network
for stable current over temperature and process
variation. The amplifier is available in a SOT89
package and passes through the stringent DC, RF,
and reliability tests


Similar Part No. - AWB459

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
Wide band MMIC Amplifier
January 2015
More results

Similar Description - AWB459

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM02350 MA-COM-MAAM02350 Datasheet
95Kb / 4P
Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
Wide Band GaAs MMIC Amplifier
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
Wide Band GaAs MMIC Amplifier
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
Wide band MMIC Amplifier
January 2015
logo
M/A-COM Technology Solu...
MAAM28000 MA-COM-MAAM28000_15 Datasheet
221Kb / 4P
Wide Band GaAs MMIC Amplifier
MAAM28000-A1 MA-COM-MAAM28000-A1_15 Datasheet
127Kb / 3P
Wide Band GaAs MMIC Amplifier
MAAM02350-A2 MA-COM-MAAM02350-A2_15 Datasheet
732Kb / 4P
Wide Band GaAs MMIC Amplifier
MAAM02350 MA-COM-MAAM02350_15 Datasheet
624Kb / 5P
Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000_16 Datasheet
940Kb / 5P
Wide Band GaAs MMIC Amplifier
logo
Advanced Semiconductor ...
ABX0618M ASB-ABX0618M Datasheet
861Kb / 18P
Wide Band Power Amplifier MMIC
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com