Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602SEDS/RV Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8602SEDS/RV
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602SEDS/RV Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8602SEDS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8602SEDS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8602SEDS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8602SEDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8602SEDS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8602SEDS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8602SEDS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8602SEDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8602SEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
WM8602
Product Preview
w
PP Rev 1.5 May 2004
10
AUDIO INTERFACE TIMING – SLAVE MODE
Figure 3 Digital Audio Data Timing – Slave Mode
Test Conditions
AVDD, DVDD, BVDD = 3.3V, AGND, DGND, BGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data,
unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
BCLK rise/fall times
5
ns
LRCLK set-up time to BCLK rising edge
tLRSU
10
ns
LRCLK hold time from BCLK rising edge
tLRH
10
ns
LRCLK rise/fall times
5
ns
DIN hold time from BCLK rising edge
tDH
10
ns
Table 5 Audio Interface Timing – Slave Mode
Note: BCLK period should always be greater than or equal to MCLK period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com