Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972LEFL Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8972LEFL
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972LEFL Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8972LEFL Datasheet HTML 32Page - Wolfson Microelectronics plc WM8972LEFL Datasheet HTML 33Page - Wolfson Microelectronics plc WM8972LEFL Datasheet HTML 34Page - Wolfson Microelectronics plc WM8972LEFL Datasheet HTML 35Page - Wolfson Microelectronics plc WM8972LEFL Datasheet HTML 36Page - Wolfson Microelectronics plc WM8972LEFL Datasheet HTML 37Page - Wolfson Microelectronics plc WM8972LEFL Datasheet HTML 38Page - Wolfson Microelectronics plc WM8972LEFL Datasheet HTML 39Page - Wolfson Microelectronics plc WM8972LEFL Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
WM8972L
Preliminary Technical Data
w
PTD Rev 2.2 June 2004
36
POWER MANAGEMENT
The WM8972L has two control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To avoid any pop or click noise,
it is important to enable or disable functions in the correct order (see Applications Information).
VMIDSEL is the enable for the Vmid reference, which defaults to disabled and can be enabled as a
50kOhm potential divider or, for low power maintenance of Vref when all other blocks are disabled,
as a 500kOhm potential divider.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:7
VMIDSEL
00
Vmid divider enable and select
00 – Vmid disabled (for OFF mode)
01 – 50kOhm divider enabled (for
playback/record)
10 – 500kOhm divider enabled (for low-power
standby)
11 – 5kOhm divider enabled (for fast start-up)
6
VREF
0
VREF (necessary for all other functions)
5
AIN
0
Analogue in PGA
3
ADC
0
ADC
R25 (19h)
Power
Manageme
nt (1)
1
MICB
0
MICBIAS
8
DAC
0
DAC
4
OUT+
0
OUT+ Output Buffer*
3
OUT-
0
OUT- Output Buffer*
2
MONO
0
MONOOUT Output Buffer and Mono Mixer
R26 (1Ah)
Power
Manageme
nt (2)
1
OUT2
0
OUT2 Output Buffer
Note: All control bits are 0=OFF, 1=ON
* The plus mixer is enabled when OUT+=1. The minus mixer is enabled when OUT-=1.
Table 32 Power Management
STOPPING THE MASTER CLOCK
In order to minimise power consumed in the digital core of the WM8972L, the master clock should be
stopped in Standby and OFF modes. If this is cannot be done externally at the clock source, the
DIGENB bit (R25, bit 0) can be set to stop the MCLK signal from propagating into the device core. In
Standby mode with all supplies at 3.3V, setting DIGENB saves approximately 0.27mA on DCVDD
and 0.2mA on DBVDD. However, since setting DIGENB has no effect on the power consumption of
other system components external to the WM8972L, it is preferable to disable the master clock at its
source wherever possible.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Additional Control
(1)
1
DIGENB
0
Master clock disable
0: master clock enabled
1: master clock disabled
Table 33 ADC and DAC Oversampling Rate Selection
NOTE: Before DIGENB can be set, the control bits ADC, DAC must be set to zero and a waiting
time of 1ms must be observed. Any failure to follow this procedure may prevent the DAC and
ADC from re-starting correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com