Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972LEFL/R Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8972LEFL/R
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972LEFL/R Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8972LEFL/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8972LEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8972LEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8972LEFL/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8972LEFL/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8972LEFL/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8972LEFL/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8972LEFL/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8972LEFL/R Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
WM8972L
Preliminary Technical Data
w
PTD Rev 2.2 June 2004
28
SPEAKER OUTPUT
OUT+ and OUT- can differentially drive a mono 8
Ω speaker as shown below.
Figure 9 Speaker Output Connection
The OUT- channel is inverted by setting the OUTINV bit, so that the signal across the loudspeaker is
the sum of OUT+ and OUT- signals.
LINE OUTPUT
The analogue outputs OUT+/OUT- can be used as line outputs. Recommended external components
are shown below.
Figure 10 Recommended Circuit for Line Output
The DC blocking capacitors and the load resistance together determine the lower cut-off frequency,
fc. Assuming a 10 kOhm load and C1, C2 = 1
µF:
fc = 1 / 2
π (RL+R1) C1 = 1 / (2π x 10.1kΩ x 1µF) = 16 Hz
Increasing the capacitance lowers fc, improving the bass response. Smaller values of C1 and C2 will
diminish the bass response. The function of R1 and R2 is to protect the line outputs from damage
when used improperly.
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data into the WM8972L and outputting ADC data
from it. It uses five pins:
•
ADCDAT: ADC data output
•
ADCLRC: ADC data alignment clock
•
DACDAT: DAC data input
•
ADCLRC: DAC data alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK, ADCLRC and DACLRC can be outputs when the WM8972L operates as a
master, or inputs when it is a slave (see Master and Slave Mode Operation, below).
Four different audio data formats are supported:
•
Left justified
•
Right justified
•
I
2S
•
DSP mode
All four of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
Electrical Characteristic section for timing information.
OUT+
OUT-
WM8972L
ROUT2INV = 1
V
SPKR
= OUT+ -(-OUT-) = (OUT+) + (OUT-)
-1
PLUS MIXER
MINUS MIXER
-OUTVOL
+OUTVOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com