Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972LGEFL/R Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8972LGEFL/R
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972LGEFL/R Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8972LGEFL/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8972LGEFL/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8972LGEFL/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM8972LGEFL/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM8972LGEFL/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM8972LGEFL/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM8972LGEFL/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM8972LGEFL/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM8972LGEFL/R Datasheet HTML 49Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
Preliminary Technical Data
WM8972L
w
PTD Rev 2.2 June 2004
49
REVISION HISTORY
DATE
RELEASE
DESCRIPTION OF CHANGES
PAGES
May 2003
Rev 1.0
Created
16 Sept 03
Rev 2.0
Re-created with differential inputs
WM8972LSEFL changed to WM8972LGEFL, /V added to order code and MSL
data changed to MSL3
3
Electrical Characteristics, Input Resistance, DM Measurement added
6
Noise Gate Control note added
21
Audio Interface Diagrams updated,
30-31
Recommended External Components, words 16 or 32 ohm headphones
removed)
45
Power Management Examples updated
47
22 Sept 03
Rev 2.1
Package Drawing updated
48
09 Jun 04
Rev2.2
Order Codes – Peak Soldering Temp added, /V removed and MSL changed to
MSL1
Absolute Maximum Ratings – body temp removed
Speaker Output THD versus Power removed
Package drawing changed
Important notice – address details updated
3
5
8
48
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com