Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16WS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS16WS
Description  Surface Mount Small Signal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS16WS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS16WS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS16WS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAS16WS
Surface Mount Small Signal Switching Diode
24-Dec-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
MARKING
PACKAGE INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Single Diode @ T
A = 25°C)
Parameter
Symbol
Ratings
Unit
Continuous Reverse Voltage
VR
75
V
Forward Continuous Current
IF
200
mA
Peak Forward Surge Current
IFM(SURGE)
500
mA
FR-5 Board, TA = 25°C
200
mW
Total Device Dissipation
Derate above 25°C
PD
1.57
Mw/°C
Thermal Resistance Junction to Ambient
RθJA
635
°C / W
Junction, Storage Temperature
TJ, TSTG
55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
VBR
75
-
-
V
IBR =100µADC
VF1
-
-
0.715
IF =1mA
VF2
-
-
0.855
IF =10mA
VF3
-
-
1.0
IF =50mA
Forward Voltage
VF4
-
-
1.25
V
IF =150mA
-
-
1
VR =75V
-
-
50
VR =75V, TJ =150°C
Reverse Voltage Leakage Current
IR
-
-
30
µA
VR =25V, TJ =150°C
Capacitance between terminals
CT
-
-
2
pF
VR =0, f=1MHz
Forward Recovery Voltage
VFR
-
-
1.75
V
IF =10mA, tR=20nS
Reverse Recovery Time
tRR
-
-
4
nS
IF=IR=10 mA,
RL=50Ω
Stored Charge
QS
-
-
45
pC
IF =10mAdc to
VR =5Vdc, RL=500Ω
Package
MPQ
Leader Size
SOD-323
3K
7 inch
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
SOD-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70
A6


Similar Part No. - BAS16WS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS16WS WTE-BAS16WS Datasheet
40Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
General Semiconductor
BAS16WS GE-BAS16WS Datasheet
45Kb / 2P
SMALL SIGNAL DIODES
logo
TAITRON Components Inco...
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
Three Terminals SMD Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAS16WS SEMTECH_ELEC-BAS16WS Datasheet
294Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
SynSemi, Inc.
BAS16WS SYNSEMI-BAS16WS Datasheet
38Kb / 2P
SMALL SIGNAL DIODE
More results

Similar Description - BAS16WS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV19TC SECOS-BAV19TC Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
BAV16WS SECOS-BAV16WS Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16H SECOS-BAS16H_15 Datasheet
100Kb / 2P
Surface Mount Small Signal Switching Diode
BAS116W SECOS-BAS116W_15 Datasheet
125Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19P SECOS-BAV19P_15 Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19TC SECOS-BAV19TC_15 Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100_15 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248_15 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com